Electronic Components Datasheet Search
  English  ▼

X  

TWS-CS-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TWS-CS-2
Description  Wireless Narrow Band Transmitter Module (RF ASK)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWS-CS-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TWS-CS-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TWS-CS-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TWS-CS-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TWS-CS Series Datasheet
P.1
WENSHING®©
TWS-CS RF MODULE Series
Wireless Narrow Band Transmitter Module (RF ASK)
Version History
Version
Date
Changes
V1.01
Dec.28, 2002
1st. Edition
V1.02
Jul.3,2008
2nd. Edition
Model : TWS-CS-2
 Frequency Range: 433.92MHz
 Modulate Mode: ASK
 Circuit Shape: SAW
 Date Rate: 8kbps
 Supply Voltage: 2.5~12V
 Power Supply and All Input / Output Pins: -0.3 to 12.0V
 Non-Operating Case Temperature: -10 to +70℃
 Soldering Temperature ( 10 Seconds ) : 230℃(10 Seconds )


Similar Part No. - TWS-CS-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWS-CS-1 ETC2-TWS-CS-1 Datasheet
293Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
TWS-CS-3 ETC2-TWS-CS-3 Datasheet
303Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
More results

Similar Description - TWS-CS-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWS-BS-2 ETC2-TWS-BS-2 Datasheet
303Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-BS-5 ETC2-TWS-BS-5 Datasheet
303Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-BS-6 ETC2-TWS-BS-6 Datasheet
302Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-CS-1 ETC2-TWS-CS-1 Datasheet
293Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
TWS-CS-3 ETC2-TWS-CS-3 Datasheet
303Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
TWS-DS-2 ETC2-TWS-DS-2 Datasheet
325Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-3 ETC2-TWS-DS-3 Datasheet
325Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-5 ETC2-TWS-DS-5 Datasheet
325Kb / 5P
Wireless Hi Power Transmitter Module (RF ASK)
TWS-HS ETC2-TWS-HS Datasheet
449Kb / 5P
Wireless High Power Transmitter Module (RF ASK)
TWS-HSP ETC2-TWS-HSP Datasheet
607Kb / 5P
Wireless High Power Transmitter Module (RF ASK)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com