Electronic Components Datasheet Search
  English  ▼

X  

G5997 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5997
Description  Step-up Controller for 12 Strings 60mA White LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5997 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5997 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5997 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.5
Sep 26, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5999
Global Mixed-mode Technology
Step-up Controller for 12 Strings 120mA White LED Driver
Features
5V~30V input voltage range
High Power Current Mode DC/DC boost
Controller
Drives up to 12 strings in parallel
PWM or DC Input True PWM Dimming
2.5% Current Matching Accuracy Between
Strings
Programmable Switching Frequency
Programmable Slope Compensation
Input Under Voltage Protection
Output Short Circuit Protection
Hiccup Mode Protection for Output Over Voltage
Protection and LED String Short Protection
Thermal Shutdown
Available in SOP-28 ,TSSOP-28 (FD) and
HSOP-28 Package
Applications
Desktop LCD Flat Pannel Displays
Flat Pannel Video Displays
LCD TVs and Monitors
General Description
The G5999 is current mode DC/DC controller that
drives up to 12 strings connected in parallel configura-
tion with multiple LEDs in each string connected in se-
ries. External current sense resistor and slope com-
pensation resistor make it flexible for various applica-
tions. PWM dimming is implemented with external
PWM input signal or DC input signal. The dimming fre-
quency can be programmed by an external setting ca-
pacitor.
The G5999 includes hiccup protection from short cir-
cuits, with automatic recovery after the fault condition is
cleared.
The G5999 is available in a SOP-28 ,TSSOP-28 (FD) ,
and HSOP-28 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5999P61U
G5999
-20°C to +85°C
SOP-28
G5999F41U
G5999
-20°C to +85°C
TSSOP-28 (FD)
G5999P91U
G5999
-20°C to +85°C
HSOP-28
Note: P6:SOP-28 F4: TSSOP-28 (FD)
P9: HSOP-28
1 : Bonding Code
U : Tape & Reel
Pin Configuration
G5999
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LGND
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
CS
SOP-28
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
VIN
OVP
LED11
LED10
13
14
LED9
LGND
28
27
26
VFAULT
25
RT
PGND
GATE
G5999
TSSOP-28 (FD)
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
13
14
28
27
26
25
Thermal
Pad
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
G5999
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
13
14
28
27
26
25
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
HSOP-28
G5999
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LGND
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
CS
SOP-28
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
VIN
OVP
LED11
LED10
13
14
LED9
LGND
28
27
26
VFAULT
25
RT
PGND
GATE
G5999
TSSOP-28 (FD)
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
13
14
28
27
26
25
Thermal
Pad
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
G5999
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
13
14
28
27
26
25
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
HSOP-28



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com