Electronic Components Datasheet Search
  English  ▼

X  

G5997 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5997
Description  Step-up Controller for 12 Strings 60mA White LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5997 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5997 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5997 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.5
May 30, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5997
Global Mixed-mode Technology
Step-up Controller for 12 Strings 60mA White LED Driver
Features
5V~30V input voltage range
High Power Current Mode DC/DC boost
Controller
Drives up to 12 strings in parallel
100Hz~2KHz PWM or DC Input True PWM Dim-
ming
2.5% Current Matching Accuracy Between
Strings
Programmable Switching Frequency
Programmable Slope Compensation
Input Under Voltage Protection
Output Short Circuit Protection
Hiccup Mode Protection for Output Over Voltage
Protection and LED String Short Protection
Thermal Shutdown
Available in SOP-28, TSSOP-28 (FD) and
TQFN5X5-28 Package
Applications
Desktop LCD Flat Pannel Displays
Flat Pannel Video Displays
LCD TVs and Monitors
General Description
The G5997 is current mode DC/DC controller that
drives up to 12 strings connected in parallel configura-
tion with multiple LEDs in each string connected in se-
ries. External current sense resistor and slope com-
pensation resistor make it flexible for various applica-
tions. PWM dimming is implemented with external
PWM input signal or DC input signal. The dimming fre-
quency can be programmed by an external setting ca-
pacitor.
The G5997 includes hiccup protection from short cir-
cuits, with automatic recovery after the fault condition is
cleared.
The G5997 is available in a SOP-28, TSSOP-28 (FD)
and TQFN5X5-28 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5997P61U
G5997
-20°C to +85°C
SOP-28
G5997F41U
G5997
-20°C to +85°C
TSSOP-28 (FD)
G5997R61U
5997
-20°C to +85°C
TQFN 5X5-28
Note: P6:SOP-28 F4:TSSOP-28 (FD) R6:TQFN 5X5-28
1 : Bonding Code
U : Tape & Reel
Pin Configuration
G5997 TQFN5X5-28
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
7
15
G5997
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LGND
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
CS
SOP-28
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
VIN
OVP
LED11
LED10
13
14
LED9
LGND
28
27
26
VFAULT
25
RT
PGND
GATE
G5997
TSSOP-28 (FD)
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
13
14
28
27
26
25
Thermal
Pad
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
NC
VDD
COMP
EN
DBRT
GND
VIN
LED2
LED3
LED4
LED5
LED6
LED7
LED8
G5997 TQFN5X5-28
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
7
15
G5997
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LGND
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
CS
SOP-28
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
VIN
OVP
LED11
LED10
13
14
LED9
LGND
28
27
26
VFAULT
25
RT
PGND
GATE
G5997
TSSOP-28 (FD)
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
13
14
28
27
26
25
Thermal
Pad
NC
VDD
COMP
EN
DBRT
GND
ISET
BOSC
LED12
VIN
LED11
LED10
LED9
RT
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CS
OVP
NC
VFAULT
PGND
GATE
NC
VDD
COMP
EN
DBRT
GND
VIN
LED2
LED3
LED4
LED5
LED6
LED7
LED8


Similar Part No. - G5997

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5991 GMT-G5991 Datasheet
99Kb / 1P
High Current LED Driver
G5994 GMT-G5994 Datasheet
42Kb / 1P
4-Channels HB-LED Driver with High Voltage DC-DC Controller
G5996 GMT-G5996 Datasheet
118Kb / 1P
LED Backlight Controller
G5996A GMT-G5996A Datasheet
118Kb / 1P
LED Backlight Controller
G5998 GMT-G5998 Datasheet
82Kb / 1P
8-CH Local Dimming LED Driver IC
More results

Similar Description - G5997

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Eutech Microelectronics...
EUP2588 EUTECH-EUP2588 Datasheet
134Kb / 1P
4 Strings High Current White LED Driver with Boost Controller
logo
Richtek Technology Corp...
RT9288A RICHTEK-RT9288A Datasheet
289Kb / 13P
PWM Step-Up DC/DC Controller for White-LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
logo
Exar Corporation
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
27V Step Up White LED Driver
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Monolithic Power System...
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com