Electronic Components Datasheet Search
  English  ▼

X  

PE45130 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45130
Description  TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45130 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45130 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45130 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45130 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
TNC Female Bulkhead Mount Connector Solder Attachment Terminal IP67 Rated from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Solder Attachment Terminal IP67 Rated PE45130
URL: http://www.pasternack.com/tnc-female-terminal-connector-pe45130-p.aspx
PE45130 REV 1.0
RF Connectors Technical Data Sheet
PE45130
TNC Female Bulkhead Mount Connector Solder
Attachment Terminal IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com