Electronic Components Datasheet Search
  English  ▼

X  

PE45130 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45130
Description  TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45130 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45130 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45130 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45130 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Terminal Interface Type
• Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.23 in [31.24 mm]
Width/Dia.
0.571 in [14.50 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
Teflon
Outer Conductor
Brass
Tri-Metal
80µ in. minimum
Body
Brass
Tri-Metal
80µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Solder Attachment Terminal IP67 Rated PE45130
PE45130 REV 1.0
TNC Female Bulkhead Mount Connector Solder
Attachment Terminal IP67 Rated
RF Connectors Technical Data Sheet
PE45130


Similar Part No. - PE45130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45132 PASTERNACK-PE45132 Datasheet
359Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45133 PASTERNACK-PE45133 Datasheet
351Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
PE45134 PASTERNACK-PE45134 Datasheet
343Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment Thru Hole PCB IP67 Rated
More results

Similar Description - PE45130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4305 PASTERNACK-PE4305 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4306 PASTERNACK-PE4306_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com