Electronic Components Datasheet Search
  English  ▼

X  

PE45137 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45137
Description  SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45137 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45137 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 PE45137
URL: http://www.pasternack.com/sma-female-rg316-rg174-lmr-100-connector-pe45137-p.aspx
PE45137 REV 1.0
RF Connectors Technical Data Sheet
PE45137
SMA Female Connector Crimp/Solder Attachment
for RG316, RG174, LMR-100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com