Electronic Components Datasheet Search
  English  ▼

X  

PE45137 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45137
Description  SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45137 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45137 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG316, RG174, LMR-100 Interface Type
• Crimp/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
VSWR, Max
1.21:1
.
Mechanical Specifications
Size
Length
0.591 in [15.01 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
50µ in. minimum
Insulation
Teflon
Outer Conductor
Brass
Gold
3µ in. minimum
Body
Brass
Gold
3µ in. minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 PE45137
PE45137 REV 1.0
SMA Female Connector Crimp/Solder Attachment
for RG316, RG174, LMR-100
RF Connectors Technical Data Sheet
PE45137


Similar Part No. - PE45137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45132 PASTERNACK-PE45132 Datasheet
359Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45133 PASTERNACK-PE45133 Datasheet
351Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
More results

Similar Description - PE45137

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45128 PASTERNACK-PE45128 Datasheet
344Kb / 3P
SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45142 PASTERNACK-PE45142 Datasheet
354Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com