Electronic Components Datasheet Search
  English  ▼

X  

MTP2955VG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MTP2955VG
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP2955VG Datasheet(HTML) 5 Page - ON Semiconductor

  MTP2955VG Datasheet HTML 1Page - ON Semiconductor MTP2955VG Datasheet HTML 2Page - ON Semiconductor MTP2955VG Datasheet HTML 3Page - ON Semiconductor MTP2955VG Datasheet HTML 4Page - ON Semiconductor MTP2955VG Datasheet HTML 5Page - ON Semiconductor MTP2955VG Datasheet HTML 6Page - ON Semiconductor MTP2955VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MTP2955V
http://onsemi.com
5
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
0.5
0.7
1.1
1.9
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
VDD = 30 V
ID = 12 A
VGS = 10 V
TJ = 25°C
tf
td(off)
VGS = 0 V
TJ = 25°C
0
QT, TOTAL CHARGE (nC)
2
468
20
ID = 12 A
TJ = 25°C
VGS
0
6
8
10
12
1000
100
10
1
10
6
2
0
1
8
4
30
27
24
21
18
15
0
VDS
18
14
4
0.9
1.3
1.5
2
1.7
QT
Q1
Q2
Q3
16
10
12
td(on)
tr
Figure 10. Diode Forward Voltage versus Current
7
3
9
5
12
3
6
9
5
7
9
11
3
1
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define the
maximum simultaneous drain−to−source voltage and drain
current that a transistor can handle safely when it is forward
biased. Curves are based upon maximum peak junction
temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance−General
Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 ms. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RqJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com