Electronic Components Datasheet Search
  English  ▼

X  

MTP2955VG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTP2955VG
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP2955VG Datasheet(HTML) 1 Page - ON Semiconductor

  MTP2955VG Datasheet HTML 1Page - ON Semiconductor MTP2955VG Datasheet HTML 2Page - ON Semiconductor MTP2955VG Datasheet HTML 3Page - ON Semiconductor MTP2955VG Datasheet HTML 4Page - ON Semiconductor MTP2955VG Datasheet HTML 5Page - ON Semiconductor MTP2955VG Datasheet HTML 6Page - ON Semiconductor MTP2955VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 7
1
Publication Order Number:
MTP2955V/D
MTP2955V
Preferred Device
Power MOSFET
12 Amps, 60 Volts
P−Channel TO−220
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and power
motor controls, these devices are particularly well suited for bridge
circuits where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected voltage
transients.
Features
• Avalanche Energy Specified
• IDSS and VDS(on) Specified at Elevated Temperature
• Pb−Free Package is Available*
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 15
± 25
Vdc
Vpk
Drain Current − Continuous
Drain Current − Continuous @ 100°C
Drain Current − Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
12
8.0
42
Adc
Apk
Total Power Dissipation
Derate above 25°C
PD
60
0.40
W
W/°C
Operating and Storage Temperature Range
TJ, Tstg −55 to 175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak
IL = 12 Apk, L = 3.0 mH, RG = 25W)
EAS
216
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
2.5
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
D
S
G
12 AMPERES, 60 VOLTS
RDS(on) = 230 mW
Device
Package
Shipping
ORDERING INFORMATION
MTP2955V
TO−220AB
50 Units/Rail
P−Channel
Preferred devices are recommended choices for future use
and best overall value.
MTP2955VG
TO−220AB
(Pb−Free)
50 Units/Rail
http://onsemi.com
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
MARKING DIAGRAM
AND PIN ASSIGNMENT
MTP2955V = Device Code
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MTP2955VG
AYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - MTP2955VG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP2955V MOTOROLA-MTP2955V Datasheet
116Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
logo
Fairchild Semiconductor
MTP2955V FAIRCHILD-MTP2955V Datasheet
393Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
MTP2955V VBSEMI-MTP2955V Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP2955V ISC-MTP2955V Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP2955VG

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com