Electronic Components Datasheet Search
  English  ▼

X  

SD4002 Datasheet(PDF) 1 Page - AUK corp

Part # SD4002
Description  4BIT MICRO CONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD4002 Datasheet(HTML) 1 Page - AUK corp

  SD4002 Datasheet HTML 1Page - AUK corp SD4002 Datasheet HTML 2Page - AUK corp SD4002 Datasheet HTML 3Page - AUK corp SD4002 Datasheet HTML 4Page - AUK corp SD4002 Datasheet HTML 5Page - AUK corp SD4002 Datasheet HTML 6Page - AUK corp SD4002 Datasheet HTML 7Page - AUK corp SD4002 Datasheet HTML 8Page - AUK corp SD4002 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
KSI-W028-000
1
SD4002
4BIT MICRO CONTROLLER
내가 ㅇ
Description
The SD4002 is CMOS LSI chips developed for world-wide FM / MW / LW tuning with PLL frequency
synthesizer system. The SD4002 can make a compact and high performance FM / MW / LW tuner
with clock function for high-end car stereo, home stereo and so on because these CMOS LSIs are in
64-pin QFP package with built-in PLL frequency synthesizer, controller, 200 MHz prescaler, LCD
driver and IF counter.
Functions
Radio Functions
(1) Manual tuning
Manual tuning up/down ….. Stepped tuning an d rapid tuning.
(2) Auto tuning
Seek up/down ….. Retaining the frequency of a station received.
Scan up/down ….. Receiving in intervals of 5 seconds.
(3) Preset memory scanning ….. Receiving the contents of preset memories on the FM, MW.
and LW bands for 5 seconds each.
(4) VF auto – tuning
SK seek up/down …. Retaining the frequency of a SK signal received.
SK scan up/down …. Receiving a station with SK signal in intervals of 5 seconds.
(5) Preset memories
FM band …. FM 1:6 stations, RW 2:6 stations, FM 3:6 stations
MW band … MW 1:6 stations, MW 2:6 stations
LW band … 6 stations
VF band …. 6 stations
MW2 cannot be used while the LW band is used.
(6) Last-preset memories …… 1 station on the FM1, FM2, FM3, MW1, MW2, LW and VF
bands each.
(7) LOC (local) control signal outputs and indications.
(8) FM MONO (monaural) control signal output and indication.(For VF bands, same as for FM)
(9) “ST” (stereo) indicator …… Enabled on the FM and VF bands.
(10) Auto-preset memories
(11) DK stand-by and SK alarm function
Tape Functions
(1) Tape transport direction indictors ….. Can flash at 2 HZ during fast forward.
(2) AMS (auto music search) control signal output and indication.
(3) MTL (metal) control signal output and indication.
(4) NR1 (noise reduction) and NR2 control outputs and indications.
S
Seem
miiccoon
nd
du
uccttoorr


Similar Part No. - SD4002

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Sirectifier Semiconduct...
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
Discrete Diodes
SD400-01NFB SIRECTIFIER-SD400-01NFB Datasheet
342Kb / 2P
Discrete Diodes
SD400-01NRB SIRECTIFIER-SD400-01NRB Datasheet
342Kb / 2P
Discrete Diodes
SD400-02NFB SIRECTIFIER-SD400-02NFB Datasheet
342Kb / 2P
Discrete Diodes
More results

Similar Description - SD4002

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD4001 AUK-SD4001 Datasheet
2Mb / 74P
4BIT MICRO CONTROLLER
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
4BIT MICROCONTROLLER
logo
Rohm
BU24591 ROHM-BU24591 Datasheet
101Kb / 8P
4bit 1chip micro-controller for CD-DA
logo
List of Unclassifed Man...
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
4BIT MICROCOMPUTER
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
4BIT MICROCONTROLLER
MN150413 ETC-MN150413 Datasheet
113Kb / 2P
Micro controller
logo
Silan Microelectronics ...
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
4bit LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com