Electronic Components Datasheet Search
  English  ▼

X  

SD4002 Datasheet(PDF) 2 Page - AUK corp

Part # SD4002
Description  4BIT MICRO CONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD4002 Datasheet(HTML) 2 Page - AUK corp

  SD4002 Datasheet HTML 1Page - AUK corp SD4002 Datasheet HTML 2Page - AUK corp SD4002 Datasheet HTML 3Page - AUK corp SD4002 Datasheet HTML 4Page - AUK corp SD4002 Datasheet HTML 5Page - AUK corp SD4002 Datasheet HTML 6Page - AUK corp SD4002 Datasheet HTML 7Page - AUK corp SD4002 Datasheet HTML 8Page - AUK corp SD4002 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
KSI-W028-000
2
Functions (Continued)
CLOCK Functions
(1) Selectable 12-hour(with AM and PM indicators) of 24-hour display.
(2) Selectable flashing colon(;) (1Hz)
(3) Low-power (400nA) backup available in the NOCLK(no-clock)mode.
Others
(1) LOUD (loudness) control signal output and indication ….. common to radio, tape and CD
modes.
(2) Key acknowledge(beep) signal outputs (2.25 kHz, 40ms) ….. Enabled by valid
momentary keys.
(3) Display selector and priority display function.
(4) “
“ (complex disk) indicator
.
Table) Receiving frequency, channel spacing, reference frequency, intermediate frequency
Item
Area
Band
Receiving
Frequency
Channel
Space
Reference
Frequency
Intermediate
Frequency
FM
87.5 to 108.0 MHz
50KHz
25KHz
10.7MHz
MW
522 to 1620 KHz
9KHz
9KHz
450KHz
Europe 1
LW
144 to 281 KHz
1KHz
1KHz
450KHz
FM
87.5 to 108.0 MHz
50KHz
25KHz
10.7MHz
MW
522 to 1620 KHz
9KHz
9KHz
459KHz
Europe 2
LW
144 to 281 KHz
1KHz
1KHz
459KHz
FM
87.5 to 108.0 MHz
100KHz
25KHz
10.7MHz
U.S.A 1
MW
530 to 1620 KHz
10KHz
10KHz
450KHz
FM
87.5 to 107.9 MHz
200KHz
25KHz
10.7MHz
U.S.A 2
MW
530 to 1620 KHz
10KHz
10KHz
450KHz
FM
87.5 to 107.9 MHz
200KHz
25KHz
10.7MHz
U.S.A 3
MW
530 to 1710 KHz
10KHz
10KHz
450KHz
FM
87.5 to 108.0 MHz
100KHz
25KHz
10.7MHz
Australia and
Middle and
Near East
MW
531 to 1602 KHz
9KHz
9KHz
450KHz
FM
76.0 to 90.0 MHz
100KHz
25KHz
-10.7MHz
Japan
MW
522 to 1629 KHz
9KHz
9KHz
450KHz
FM
87.5 to 108.0 MHz
100KHz
25KHz
10.7MHz
Latin America
MW
520 to 1620 KHz
5KHz
5KHz
450KHz
SD4002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com