Electronic Components Datasheet Search
  English  ▼

X  

ELM92 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM92
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM92 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM92 Datasheet HTML 2Page - ELM Electronics ELM92 Datasheet HTML 3Page - ELM Electronics ELM92 Datasheet HTML 4Page - ELM Electronics ELM92 Datasheet HTML 5Page - ELM Electronics ELM92 Datasheet HTML 6Page - ELM Electronics ELM92 Datasheet HTML 7Page - ELM Electronics ELM92 Datasheet HTML 8Page - ELM Electronics ELM92 Datasheet HTML 9Page - ELM Electronics ELM92 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=1.5V
3.218
3.300
3.382
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=1.5V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V
1
Current consumption1
Iss1 Vout=Vout(T)×0.95
320
510
μA
2
Current consumption2
Iss2 Vout=Vout(T)+0.5V
80
130
μA
2
Current consumption
in Shutdown
Isd Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron Vout=Vout(T)×0.95
245
330
mΩ
4
Leakage current of LX switch
Ilxl Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=3.3V(ELM92332x)
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=3V
4.875
5.000
5.125
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=3V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V
1
Current consumption1
Iss1 Vout=Vout(T)×0.95
550
880
μA
2
Current consumption2
Iss2 Vout=Vout(T)+0.5V
90
145
μA
2
Current consumption
in Shutdown
Isd Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron Vout=Vout(T)×0.95
220
300
mΩ
4
Leakage current of LX switch
Ilxl Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=5.0V(ELM92502x)
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
14 -
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter
* 1.Vout: input voltage to VOUT pin. 2.Vout(T): typical value of Vout1. 3.Vce: input voltage to CE pin. 4.Remarks: test circuit No
* 1.Vout: input voltage to VOUT pin. 2.Vout(T): typical value of Vout1. 3.Vce: input voltage to CE pin. 4.Remarks: test circuit No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com