Electronic Components Datasheet Search
  English  ▼

X  

ELM92 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM92
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM92 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM92 Datasheet HTML 6Page - ELM Electronics ELM92 Datasheet HTML 7Page - ELM Electronics ELM92 Datasheet HTML 8Page - ELM Electronics ELM92 Datasheet HTML 9Page - ELM Electronics ELM92 Datasheet HTML 10Page - ELM Electronics ELM92 Datasheet HTML 11Page - ELM Electronics ELM92 Datasheet HTML 12Page - ELM Electronics ELM92 Datasheet HTML 13Page - ELM Electronics ELM92 Datasheet HTML 14Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
• Vout=5.0V(ELM9250xx) (L=2.2μH, Cout=47μF, D=MA735, Top=25°C)
14 -
0
1
2
3
3
3.5
4
4.5
5
5.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
3.0V
1.5V
1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
3.0V
-20 -10 0 10 20 30 40 50 60 70
4.8
4.9
5
5.1
5.2
Top(°C)
Vout1 - Top
Vin=3.0V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
0
1
2
3
3
3.5
4
4.5
5
5.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
3.0V
1.5V
1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
3.0V
-20 -10 0 10 20 30 40 50 60 70
4.8
4.9
5
5.1
5.2
Top(°C)
Vout1 - Top
Vin=3.0V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
0
1
2
3
3
3.5
4
4.5
5
5.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
3.0V
1.5V
1.8V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
3.0V
-20 -10 0 10 20 30 40 50 60 70
4.8
4.9
5
5.1
5.2
Top(°C)
Vout1 - Top
Vin=3.0V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 �A
Iout
200 �s /div
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com