Electronic Components Datasheet Search
  English  ▼

X  

ELM93 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM93
Description  CMOS High efficiency PFM step-up DC/DC converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM93 Datasheet(HTML) 2 Page - ELM Electronics

  ELM93 Datasheet HTML 1Page - ELM Electronics ELM93 Datasheet HTML 2Page - ELM Electronics ELM93 Datasheet HTML 3Page - ELM Electronics ELM93 Datasheet HTML 4Page - ELM Electronics ELM93 Datasheet HTML 5Page - ELM Electronics ELM93 Datasheet HTML 6Page - ELM Electronics ELM93 Datasheet HTML 7Page - ELM Electronics ELM93 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
�
����
�����
����
���������
����
�����
��
���
����
����
���
�
���
■Standard circuit
The circuit can operate without Cin, but adding Cin to the circuit can lower the feed-
back noise to the Input; this method is also effective in improving efficiency because
input voltage drop during switching can be eased. Under the condition of Iout≤10mA,
please connect tantalum capacitor of 10μF to 47μF to a coil as close as possible.
����
� �
���
��
����
�����������
��������
■Block diagram
�
�
�
Pin No.
Pin name
1
VSS
2
VOUT
3
LX
Pin No.
Pin name
1
VSS
2
LX
3
VOUT
SOT-23(TOP VIEW)
�
�
�
■Pin configuration
SOT-89(TOP VIEW)
Cin :
ELM93xxxB CMOS High efficiency PFM step-up DC/DC converter
8 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com