Electronic Components Datasheet Search
  English  ▼

X  

ELM93 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM93
Description  CMOS High efficiency PFM step-up DC/DC converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM93 Datasheet(HTML) 6 Page - ELM Electronics

  ELM93 Datasheet HTML 1Page - ELM Electronics ELM93 Datasheet HTML 2Page - ELM Electronics ELM93 Datasheet HTML 3Page - ELM Electronics ELM93 Datasheet HTML 4Page - ELM Electronics ELM93 Datasheet HTML 5Page - ELM Electronics ELM93 Datasheet HTML 6Page - ELM Electronics ELM93 Datasheet HTML 7Page - ELM Electronics ELM93 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
■Typical characteristics
• Vout=2.7V(ELM9327xB) (Top=25°C, L=330μH, D=MA721, Cin=Cout=22μF)
8 -
ELM93xxxB CMOS High efficiency PFM step-up DC/DC converter
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V
1
0
1
2
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0
1
2
60
70
80
90
100
Vin (V)
Iout=1mA
100�A
EFFICIENCY - Vin
1
2
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
1.8V
Vin=0.9V
1.1V
1.3V
1.5V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L (�H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com