Electronic Components Datasheet Search
  English  ▼

X  

AT1203 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # AT1203
Description  Low Noise, 300mA CMOS LDO Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1203 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  AT1203 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1203 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 1.1
Oct 18, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
2
AT1203
Global Mixed-mode Technology Inc.
Ordering Information
Part Number
Package
(Green)
Marking
REMARK
AT1203-18E_GRE
SC-70-5
AT1203-25E_GRE
SC-70-5
AT1203-28E_GRE
SC-70-5
AT1203-30E_GRE
SC-70-5
AT1203-31E_GRE
SC-70-5
▲▲▲▲
L3□
▲▲▲▲
AT1203-15U_GRE
SOT-23-3
AT1203-18U_GRE
SOT-23-3
AT1203-25U_GRE
SOT-23-3
AT1203-28U_GRE
SOT-23-3
AT1203-30U_GRE
SOT-23-3
AT1203-31U_GRE
SOT-23-3
203□□
AT1203-18X_GRE
SOT-23-5
AT1203-25X_GRE
SOT-23-5
OBSOLETE
AT1203-27X_GRE
SOT-23-5
AT1203-28X_GRE
SOT-23-5
AT1203-30X_GRE
SOT-23-5
AT1203-31X_GRE
SOT-23-5
AT1203-33X_GRE
SOT-23-5
AT1203-42X_GRE
SOT-23-5
203□□
AT1203-18C_GRE
SOT-89
AT1203-33C_GRE
SOT-89
203□□
▲▲▲▲, ▲▲▲▲▲: Date Code
□□, □:Output Voltage
* For marking more information, contact our sales representative directly



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com