Electronic Components Datasheet Search
  English  ▼

X  

AT1203 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1203
Description  Low Noise, 300mA CMOS LDO Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1203 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1203 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1203 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 1.1
Oct 18, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1203
Global Mixed-mode Technology Inc.
Low Noise, 300mA CMOS LDO Regulator
Features
SOT-23-5,SOT-23-3 and SOT89 Packages.
Low Dropout Voltage:350mV.
Low Output Noise.
Low Quiescent Current:90μA.
Guaranteed 300mA Output Current.
Fixed Output Voltage:1.5V, 1.8V, 1.9V, 2.5V,
2.8V, 3.0V, 3.1V, 3.3V, 4.2V and 5.0V.
Built-In Current Limit.
Built-In Thermal Shutdown.
Built-In LDO ON/OFF Control.
Applications
Cellular Phones
Wireless Devices
Portable Electronics
Battery Powered Systems
General Description
The AT1203 is an ultra-low noise, low dropout voltage,
low quiescent current CMOS LDO, capable of deliver-
ing up to 300mA.
This LDO provides factory preset 1.5V, 1.8V, 1.9V,
2.5V, 2.8V, 3.0V, 3.1V, 3.3V, 4.2V and 5.0V fixed out-
put voltage.
That is ideally suited for input powered(2.5V~5.5V)
from Li-Ion, NiCd, NiMH, Alkaline battery or USB-Base
power system.
Designed with an internal P-channel MOSFET pass
elements maintain ultra-low supply current throughout
the whole entire operating range.
The AT1203 is protected with current limit, ON/OFF
control and thermal shutdown.
Pin Configuration
Typical Application Circuit


Similar Part No. - AT1203

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AT120046AVBF3N SCHNEIDER-AT120046AVBF3N Datasheet
121Kb / 2P
VarSet Automatic Transient Free - Lugs (6000s) 1200 kVar, 480 V - Top - NEMA 1
logo
Aimtron Technology
AT1201 AIMTRON-AT1201 Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25X AIMTRON-AT1201-25X Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25XR AIMTRON-AT1201-25XR Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-27X AIMTRON-AT1201-27X Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
More results

Similar Description - AT1203

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
300mA Low Noise CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com