Electronic Components Datasheet Search
  English  ▼

X  

ELM650DA Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM650DA
Description  CC/CV Mode 36V step down 2A DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM650DA Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM650DA Datasheet HTML 2Page - ELM Electronics ELM650DA Datasheet HTML 3Page - ELM Electronics ELM650DA Datasheet HTML 4Page - ELM Electronics ELM650DA Datasheet HTML 5Page - ELM Electronics ELM650DA Datasheet HTML 6Page - ELM Electronics ELM650DA Datasheet HTML 7Page - ELM Electronics ELM650DA Datasheet HTML 8Page - ELM Electronics ELM650DA Datasheet HTML 9Page - ELM Electronics ELM650DA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Rev.1.2
10 -
ELM650DA CC/CV Mode 36V step down 2A DC/DC converter
4. Output rectifier selection
The output rectifier is selected by the consideration of the reverse voltage rating, the current rating’ and the re-
verse recovery time and forward voltage drop for the power loss.
The reverse voltage rating should be at least 1.25 times the maximum input voltage for the consideration of
voltage arc.
The current rating should be larger than the maximum inductor current.
The diode conduction loss is due to the forward conduction and is described:
Pcond = Iout(max) * Vf * ( 1 - Vout / Vin )
Vin = input voltage ; Vout = output voltage ; Iout(max) = maximum output current ;
Vf = diode forward voltage.
The diode reverse recovery loss is due to the reverse recovery from the forward conduction to the reverse
blocking state, and is described:
Prr = Qrr * Vin / Tsw
Vin = input voltage ; Qrr = diode reverse recovery charge ; Tsw = switching period.
5. Output inductor selection
The output inductor is selected for the trade-offs between the output inductor current ripple, dc resistance for
power loss, load transient response time, and the physical size.
The output inductor current ripple determines the output voltage ripple requirement, and the inductor’s dc re-
sistance concerns the power loss. The larger the inductor value, the smaller the inductor ripple current, but the
slower the transient response time, the larger the inductor dc resistance, and hence the larger the power loss.
The inductance value is described:
L = Vout * ( 1 - Vout / Vin ) * Tsw / ΔLl
Vin = input voltage ; Vout = output voltage ;
Tsw = switching period ; ΔLl = inductor ripple current.
6. Output capacitor selection
The output capacitor is selected for the trade-offs between output ripple voltage requirement, the output volt-
age rating, the RMS current rating, the ESR and ESL for the load transient, and the physical size.
The capacitor voltage rating is recommended with 1.5 times for the maximum output voltage as conservative
guideline.
The capacitor RMS current rating is considered for stress condition’ and the trapezoid current waveform as the
simplified formula is described:
Irms = ΔIL / 2√3 ; ΔIL = inductor ripple current.
The output ripple voltage with respect to the capacitor ESR is described:
ΔV = ΔI * ( ESR + Tsw / ( 8 * C ) )
ΔI = capacitor ripple current’ which is equivalent to the inductor ripple current ;
ESR = capacitor equivalent series resistance ; Tsw = switching period.
7. PC board layout consideration
Good PC Board layout is very important in switching converter design. If designed improperly, the PC Board
could radiate excessive noise and contribute to the converter instability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com