Electronic Components Datasheet Search
  English  ▼

X  

ELM650DA Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM650DA
Description  CC/CV Mode 36V step down 2A DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM650DA Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM650DA Datasheet HTML 2Page - ELM Electronics ELM650DA Datasheet HTML 3Page - ELM Electronics ELM650DA Datasheet HTML 4Page - ELM Electronics ELM650DA Datasheet HTML 5Page - ELM Electronics ELM650DA Datasheet HTML 6Page - ELM Electronics ELM650DA Datasheet HTML 7Page - ELM Electronics ELM650DA Datasheet HTML 8Page - ELM Electronics ELM650DA Datasheet HTML 9Page - ELM Electronics ELM650DA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rev.1.2
10 -
COMP
VCC
OVP
LX
ISEN+
ISEN-
VSEN
R5
R6
R9
L2
2
8
3
7
4
6
5
U1
R2
D1
R3
R4
C7
+
C8
R7
LED
L3
+
C2
C1
GND
Vin
C10
+
L1
1
3
4
ELM650DA
GND
R1
C11
C5
C
C4
1
C
C6
L4
B
D D
A
E
C3
C9
2
R12
R11
R14
R13 R15
1
2
3
4
Vout+
Vout-
R8
USB
R10
Fig-4 : PC board layout guidelines
Fig-5 : The PCB layout of car charger with ELM650DA controller
ELM650DA CC/CV Mode 36V step down 2A DC/DC converter
Follows below PC board layout guidelines could get better performance:
1) Path A :
The Vout- is returned to input bulk capacitor C2, by passing through output capacitor C7.
2) Path B :
The output rectifier D1, together with Snubber R2 and C2, are shunt to common ground and returned to input
bulk capacitor C2.
3) Path C and D :
The decoupling capacitor C11, the compensation network R1, C4, C5, the voltage feedback network R6, R7,
C8, and the overvoltage sensing network R8, R9, are connected to IC ground, and returned to input bulk capaci-
tor C2 and output capacitor C7.
4) Path E :
Input capacitor C2 is returned to input ground, after all ground networks are following the above paths de-
signed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com