Electronic Components Datasheet Search
  English  ▼

X  

AT1526 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # AT1526
Description  1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1526 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  AT1526 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1526 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver:1.1
Dec 05, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1527
Global Mixed-mode Technology
1MHz, All-Ceramic, 3A PWM Buck DC/DC Converter
Features
Ceramic Input and Output Capacitors
Efficiency Up to 94%
Operate from 2.5V to 6V supply
Adjustable Output from 0.8V to VIN
Internal Soft-Start
Short-Circuit and Thermal-Overload Protection
Input Over Voltage Protection
RoHS Compliant
Applications
ASIC/DSP/µP/FPGA Core and I/O Voltages
Set-Top Boxes
Cellular Base Stations
Networking and Telecommunications
General Description
The AT1527 high-efficiency, DC/DC buck converter
delivers up to 3A of output current. The device operates
from an input voltage of 2.5V to 6V and provides an
output voltage from 0.8V to VIN, making the AT1527
ideal for on-board post-regulation applications.
The AT1527 operate at a fixed frequency of 1MHz with
an efficiency of up to 94%. The high operating fre-
quency minimizes the size of external components.
Internal soft-start control circuitry reduces inrush cur-
rent. Short-circuit and thermal-overload protections
improve design reliability.
The AT1527 are available in a space-saving 8-pin SO
package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
AT1527F11U
A1527
-40°C to +85°C
SOP-8 (FD)
Note: F1:SOP-8 (FD)
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
V
OUT
3.3V
VIN
LX
EN
REF
GND
A1527
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1527
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × ( 1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
8
1
5
63
4
2
7
V
OUT
3.3V
VIN
LX
EN
REF
GND
A1527
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8 (FD)
AT1527
7
LX
EN
PGND
VCC
OFF
ON
PGND
VIN
5V
FB
V
OUT = 0.8V × ( 1+
)
R1
R2
2.2µH
10µF
10
Ω
0.1µF
0.1µF
22µF
C
FB
R1
50k
R2
16k
* (option)
22µF
C
FB
R1
50k
R2
16k
* (option)
Thermal
Pad
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
8
1
5
63
4
2
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com