Electronic Components Datasheet Search
  English  ▼

X  

AT1526 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1526
Description  1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1526 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1526 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1526 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 1.1
Dec 05, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1526
Global Mixed-mode Technology
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
Features
Ceramic Input and Output Capacitors
Efficiency Up to 94%
Guaranteed 2A Output Current
Operate from 2.5V to 6V Supply
Adjustable Output from 0.8V to VIN
Internal Soft-Start
Short-Circuit and Thermal-Overload Protection
Input Over Voltage Protection
RoHS Compliant
Applications
ASIC/DSP/µP/FPGA Core and I/O Voltages
Set-Top Boxes
Cellular Base Stations
Networking and Telecommunications
General Description
The AT1526 high-efficiency, DC/DC buck converter
delivers up to 2A of output current. The device oper-
ates from an input voltage of 2.5V to 6V and provides
an output voltage from 0.8V to VIN, making the AT1526
ideal for on-board post-regulation applications.
The AT1526 operate at a fixed frequency of 1MHz with
an efficiency of up to 94%. The high operating fre-
quency minimizes the size of external components.
Internal soft-start control circuitry reduces inrush cur-
rent. Short-circuit and thermal-overload protections
improve design reliability.
The AT1526 are available in a space-saving 8-pin SO
package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
( Green)
AT1526P11U
A1526
-40°C to +85°C
SOP-8
Note: P1:SOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
VIN
LX
EN
REF
GND
AT1526
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8
AT1526
7
LX
EN
PGND
VCC
OFF
ON
PGND
Input
2.5V to 6V
Output
0.8V to V
IN , Up to 2A
FB
C
FB
R1
R2
* (option)
10µF
10
Ω
0.1µF
0.1µF
2.2µH
22µF
V
OUT = 0.8V × ( 1+
)
R1
R2
87
1
5
6
3
4
2
VIN
LX
EN
REF
GND
AT1526
FB
GND
8
6
5
1
2
3
4
VCC
REF
VIN
SOP-8
AT1526
7
LX
EN
PGND
VCC
OFF
ON
PGND
Input
2.5V to 6V
Output
0.8V to V
IN , Up to 2A
FB
C
FB
R1
R2
* (option)
10µF
10
Ω
0.1µF
0.1µF
2.2µH
22µF
V
OUT = 0.8V × ( 1+
)
R1
R2
87
1
5
6
3
4
2


Similar Part No. - AT1526

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1529 GMT-AT1529 Datasheet
439Kb / 12P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
Ver: 0.3 Nov 29, 2010
AT1529F11U GMT-AT1529F11U Datasheet
439Kb / 12P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
Ver: 0.3 Nov 29, 2010
AT1529RD1U GMT-AT1529RD1U Datasheet
439Kb / 12P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
Ver: 0.3 Nov 29, 2010
More results

Similar Description - AT1526

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com