Electronic Components Datasheet Search
  English  ▼

X  

COM-656E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # COM-656E
Description  Wide-Range Temperature Intel짰 AtomTM D2550 COM Express Compact Type 6 CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

COM-656E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  COM-656E Datasheet HTML 1Page - List of Unclassifed Manufacturers COM-656E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
All specifications are subject to change without notice.
Block Diagram
Cedar Trail ( D2700 10W & N2600 3.5W & N2800 6.5W)
1 x VGA
1 x DP (DDI Port 0/1):
for N series CPU up to 1600 x 1200 @ 60Hz
for D series CPU up to 2560 x 1600 @ 60Hz
1 x eDP (DDI Port 0):
for N series CPU up to 1366 x 768 @ 60Hz
for D series CPU up to 1920 x 1080 @ 60Hz
1 x LVDS:
Single channel 18-bit for N series CPU up to 1366 x 768 @ 60Hz
Single channel 24-bit for D series CPU up to 1440 x 900 @ 60Hz
1 x HDMI (DDI Port 0/1): for N series CPU up to 1920 x 1200 @ 60Hz
for D series CPU up to 1920 x 1200 @ 60Hz
1 x DVI (DDI Port 0/1):
for N series CPU up to 1920 x 1200 @ 60Hz
for D series CPU up to 1920 x 1200 @ 60Hz
2 x DDR3 SO-DIMM 800 (N2600, up to 2GB) /1066MHz (D2700, up to 4GB ok)
NM10 Express - Tiger Point (1.5W)
8 x USB 2.0
2 x SATA
HD link
4 x PCIex1
2 x PCI masters
1 x LCI interface for 10/100 LAN (+ Intel 82552 Fast Ethernet PHY)
OS Port of Choice
Windows 7 Starter, Home, Basic & Home Premium (ELD)
MeeGO Linux
Google Chrome
1 x PCIex1
24-bit Single Channel LVDS
DDI0 (TMDS/ DVI/DP)
DDI1 (TMDS/ DVI/DP/eDP)
Analog R.G.B.
2 x Serial ATA Port0, 1
SPI Bus
SPI Bus
2 x PCIex1
SPI BIOS
Fintek
F75111
SMBus
HD Audio Link
GbE LAN1
PCIex1
Intel 82583V
GbE controller
8 x USB ports
SMBus
LPC I/F
8-bit Digital I/O
Intel®
Atom
D2550 at
1.86GHz
1 x SO-DIMM socket
Intel®
NM10
Express
Chipset
PCH
DMIx4 for Cedarview-D
800/ 1067MHz
Single Channel DDR3
COM express Type 6
System Block Diagram
EmETXe-i250C
PLX PEX8606
PCIe to PCIe
Bridge
4 x PCIex1 (Gen2)
Ordering Information
COM-656E
Intel® AtomTM D2550 1.86GHz COM express Compact CPU module
Optional Accessories
HS-250C-F1
Heat spreader (95x95x18mm)
HS-0000-W4
Universal evaluation heatsink kit w/ thermal pad (dimension: 125x95x22mm, only used on a flat type heatspreader)
PBE-1702
COM Express type 6 evaluation carrier board (ATX form factor)
See page 64
CBK-04-1702-00
Cable kit
• 1 x USB cable
• 2 x COM port cables
• 1 x SATA cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com