Electronic Components Datasheet Search
  English  ▼

X  

COM-656E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM-656E
Description  Wide-Range Temperature Intel짰 AtomTM D2550 COM Express Compact Type 6 CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

COM-656E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM-656E Datasheet HTML 1Page - List of Unclassifed Manufacturers COM-656E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
All specifications are subject to change without notice.
COM-656E
Wide-Range Temperature Intel® Atom
TM D2550 COM Express
Compact Type 6 CPU Module
•
Fanless Design
• Soldered Onboard Intel® AtomTM D2550 Processor
• Integrated Gigabit Ethernet
• Single Channel 24-bit LVDS, Analog RGB, and 2 x DDI Ports
•
Wide Range Operating Temp.: -40 ~ 85°C
System
CPU
Intel® Atom™ D2550 1.86GHz processor
Memory
1 x DDR3 SO-DIMM socket, supporting SDRAM up to
4GB
Chipset
Intel® PCH NM10
BIOS
AMI UEFI BIOS
Watchdog Timer 1~255 levels reset
I/O
USB Port
8 x USB 2.0 ports
Digital I/O
8-bit programmable Digital Input/Output
Expansion Bus
6 x PCIe x1 lanes
SPI and LPC (Low Pin Count) interfaces
Storage
2 x Serial ATA port with 300MB/s HDD transfer rate
Ethernet Chipset 1 x Intel® 82583V PCIe GbE controller
Audio
HD Audio Link
Display
Graphics Chipset Integrated Intel® Graphics Media Accelerator 3650
Graphics Interface
LCD: Single Channel 24-bit LVDS
2 x DDI ports
Support Analog RGB
Mechanical & Environmental
Power Requirement
+12V, 5VSB
Power Consumption
1.37A@+12V (Typical)
Operating Temp.
-40 ~ 85ºC (-40 ~ 185ºF)
Operating Humidity
10 ~ 95% @ 85ºC (non-condensing)
Dimension (L x W)
95 x 95 mm (3.7” x 3.7”)
Dimensions
4.00
76.00
45.85
Ø2.70
95.00
2.00
45.35
(5.25)
Unit: mm
Features
C
-40
+85


Similar Part No. - COM-656E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-690E AAEON-COM-690E Datasheet
383Kb / 1P
AMD Turion?? Sempron??(S1 Socket) Processors
More results

Similar Description - COM-656E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
logo
List of Unclassifed Man...
EMETXE-I250C ETC2-EMETXE-I250C Datasheet
482Kb / 2P
Intel Atom D2550 COM Express Compact Type 6 CPU Module
EMETXE-I2503 ETC2-EMETXE-I2503 Datasheet
398Kb / 2P
Intel Atom N2600/ D2550 COM Express Compact Type 2 CPU Module
logo
AAEON Technology
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV_15 Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77_15 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
logo
List of Unclassifed Man...
VES-220 ETC2-VES-220 Datasheet
144Kb / 2P
COM Express짰 R2.0 Type 2 Module with Intel짰 AtomTM D2550 CPU and NM10 Chipset
COM-880E-3517UE ETC2-COM-880E-3517UE Datasheet
460Kb / 2P
Wide-Range Temperature Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com