Electronic Components Datasheet Search
  English  ▼

X  

SL5022 Datasheet(PDF) 4 Page - AUK corp

Part # SL5022
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5022 Datasheet(HTML) 4 Page - AUK corp

  SL5022 Datasheet HTML 1Page - AUK corp SL5022 Datasheet HTML 2Page - AUK corp SL5022 Datasheet HTML 3Page - AUK corp SL5022 Datasheet HTML 4Page - AUK corp SL5022 Datasheet HTML 5Page - AUK corp SL5022 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-W011-000
4
Electrical Characteristics (continued)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Common mode
Rejection Ratio
CMRR(Tx)
-
-
82
-
dB
TX Gain
Gv(Tx)
R7=68K, Vin=3mVrms
50.5
52
53.5
dB
TX Gain frequency
Response
△
G
TXF
f=300 ~ 3400Hz
-
± 0.2
-
dB
DTMF input
impedance
Zi
(MF)
-
-
20.7
-
kΩ
DTMF Gain
G
V(MF)
R7=68K, DTMF mode
24
25.5
27
dB
DTMF Gain Response
△
G
MF
R7=68K, f=300~3400Hz
-
± 0.2
± 0.5
dB
TX Gain Adjustment
△
Gv.adj(Tx) R7 = 68k
→25k
-12
-8
-7
dB
IL=4mA
-
0.8
-
TX Dynamic output
Voltage
T
O(Tx)
THD=10%
IL=15mA
1.7
2.3
-
Vrms
TX noise output
Voltage
Vno(Tx)
R7=68K Between
pin6 & pin7=200 Ω
-
-69
-
dBmp
RX input impedance
Zi(Rx)
-
-
21
-
KΩ
RX output impedance
Zo(Rx)
-
-
4
-
KΩ
RX Gain
Gv(Rx)
R4=100k, RL=300 Ω
29.5
31
32.5
dB
RX Gain Frequency
Response
△
G
TXF
f=300 ~ 3400Hz
-
± 0.2
-
dB
RL=150 Ω
0.22
0.33
-
RX Dynamic output
voltage
Vo
(Rx)
THD=2%
R4=100K
RL=450 Ω
0.3
0.48
-
V
RX noise output
voltage
Vno
(Rx)
R
L=300
R4=100 K
IL= 15mA, Rxi=open
-
50
-
µV
RX Gain adjustment
△
Gv.adj(Rx) R4=100K → 28K
-13
-11
-9
dB
V
IH(Mute)
-
1.5
-
V
CC
Mute input voltage
V
IL(Mute)
-
-
-
0.3
V
Mute input current
I
Mute
-
-
8
15
µA
Mute Attenuation
Matt(TX)
MIC+ or MIC- to V
L
(CCIT weighted)
-
70
-
dB
DTMF Gain
Gv(DTMF)
voltage gain from
DTMF to Rxo
-
-19
-
dB
TX Gain variation
range By AGC
△
G
TXA
R6 = 110k
IL=15mA ~ 70mA
-
-5.8
-
dB
RX Gain variation
range By AGC
△
G
RXA
R6=110k
IL=15mA ~ 70mA
-
-5.8
-
dB
Highest line current
for maximum gain
I
HL(AGC)
R6=110k
17
23
26
mA
Lowest line current
for minimum gain
I
LL(AGC)
R6=110k
54
61
73
mA
SL5022/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com