Electronic Components Datasheet Search
  English  ▼

X  

SL5022 Datasheet(PDF) 1 Page - AUK corp

Part # SL5022
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5022 Datasheet(HTML) 1 Page - AUK corp

  SL5022 Datasheet HTML 1Page - AUK corp SL5022 Datasheet HTML 2Page - AUK corp SL5022 Datasheet HTML 3Page - AUK corp SL5022 Datasheet HTML 4Page - AUK corp SL5022 Datasheet HTML 5Page - AUK corp SL5022 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSI-W011-000
1
SL5022/P
UNIVERSAL SPEECH NETWORK
Description
The SL5022/P can fulfill the standards of other countries by changing the external
component.
Dynamic or piezoelectric type can be used with receiver Each gain is controlled with AGC in
accordance with the line current. The SL5022/P can be operated down to DC line 1.6V
Features
• Independent adjustment of DC resistance and AC impedance.
• Voltage regulator with adjustable static resistance
• Symmetrical high-impedance inputs for dynamic magnetic or piezo-electric microphones
• Receiving amplifier for dynamic magnetic or piezo-electric earpieces
• DTMF signal interface
• Low DC line voltage : operated down to 1.6V
• MUTE function
• DC line voltage adjustment facility
Ordering Information
Type NO.
Marking
Package Code
SL5022
SL5022
SOP16
SL5022P
SL5022
DIP16
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
SOP16
DIP16


Similar Part No. - SL5022

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
SL5020-SOP TGS-SL5020-SOP Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
SL5020N-DIP TGS-SL5020N-DIP Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
More results

Similar Description - SL5022

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
Speech Network Circuit
AN6152 PANASONIC-AN6152 Datasheet
30Kb / 3P
Speech Network Circuit
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
S1T8603 SAMSUNG-S1T8603 Datasheet
57Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
UNIVERSAL SPEECH NETWORK
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Hynix Semiconductor
GL6962 HYNIX-GL6962 Datasheet
108Kb / 12P
Low Voltage Universal Speech Network
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com