Electronic Components Datasheet Search
  English  ▼

X  

AMW006 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMW006 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
General Description, Section 1
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 1
1
General Description
The AMW006 and AMW106 modules from ACKme Net-
works combine a microcontroller with a BCM43362 Wi-
Fi device to provide an advanced stand-alone Wi-Fi and
networking solution.
The term AMWx06 refers to both modules.
An integrated module avoids difficult RF layout and ena-
bles designers to rapidly embed Wi-Fi and secure net-
working functionality into virtually any device.
The ACKme Networks WiConnect serial-to-Wi-Fi applica-
tion, pre-programmed into all modules, may be used to
fast-track module integration into end-products.
With dimensions of just 20.3mm x 15.2mm and a wide
temperature range, the module is suitable for integra-
tion into most embedded applications.
The Wi-Fi device from Broadcom includes an integrated
RF transmit power amplifier and provides superior Wi-
Fi performance and full compatibility with all 2.4GHz
802.11b/g/n Wi-Fi networks. Connections for two exter-
nal antennas provide applications with maximum radio
range and mechanical design flexibility.
The microprocessor is based on a high-performance
ARM® 32-bit Cortex™-M4.
The AMW006/AMW106 microcontroller core operates
at a frequency up to 84/100MHz providing up to 125
DMIPS or 1.25 DMIPS/MHz (Dhrystone 2.1).
The AMW006 has 96KB of RAM.
The AMW106 has 128KB of RAM.
The AMWx06 module offers extensive I/O and periph-
eral
interfaces
listed
below,
and
provides
additional
interface
combinations
by
leveraging
multiplexing and alternate function capabilities.
 2 x 4-Wire UART interfaces
 2 x SPI interfaces (1 master, 1 slave)
 21 x GPIOs
 9 x 12-bit A/D converters
 14 x PWM outputs
 1 x ultra-low power wake input
The module is powered by a 3.3V power supply, a sepa-
rate WLAN power supply pin is provided to minimize
noise coupling into the WLAN subsystem.
Various powersave modes offer ultra-low power opera-
tion. Wake from low power sleep mode is possible using
IO pins or the internal real-time clock, and wake from ul-
tra-low power standby mode is achieved using the dedi-
cated wake pin.
The module incorporates a 32.768kHz crystal to main-
tain an accurate real time clock. A 32kHz clock output is
available on a dedicated module pin in both active power
save modes. The 32kHz clock output may be used to
drive the clock input of other system devices. This avoids
the need for an additional crystal thereby minimizing to-
tal system cost.
The module has FCC & IC modular approval for use in the
United States and Canada, CE approval for use in Europe,
TELEC/MIC approval for use in Japan and related approv-
als for use in other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com