Electronic Components Datasheet Search
  English  ▼

X  

AMW006 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical Specifications, Section 3
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 4
Environmental Conditions
Table 4. Recommended Environmental Conditions
Characteristic
Note
Min
Max
Unit
Ambient Temperature
Limited by WLAN chip specification
-30
+85
°C
Relative Humidity
Non-condensing (operating)
–
85
%
3.3 Power Consumption
Table 5. Power consumption (VDD_3V3, VDD_WIFI, VBAT @ 3.3V)
Operational State
Note
Typ1
Max1
Max1
Unit
TA =
25°C
TA =
85°C
VBAT7
MCU VBAT Mode, RTC on, Wi-Fi powered off
0.97
–
3.0
µA
Standby7
MCU Standby Mode, RTC on, Wi-Fi powered off
3.8
5.0
17.0
µA
Stop3, 7
MCU Stop Mode, Wi-Fi powered off
10
28
230
µA
Wi-Fi Powersave2,3
MCU Stop mode, Wi-Fi in powersave
0.77
–
–
mA
Active Receive2,3,4
MCU Stop mode, Wi-Fi active receive
5.7
–
–
mA
Active Transmit2,3,5
MCU Stop mode, Wi-Fi active transmit
11.4
–
–
mA
Wi-Fi Tx Test Mode6
MCU Stop mode, Wi-Fi active transmit
–
320
–
mA
Notes:
1. Total combined current consumed by all power supplies: VBAT, VDD_3V3, VDD_WIFI.
2. 802.11 beacon Interval = 102.4ms, DTIM=3, Beacon Duration = 1ms @ 1Mbps.
3. MCU Stop Mode with 113µs wakeup latency (flash in deep power down mode), VDD_WIFI = 0V
4. Average current receiving 1Mbit/s UDP at 802.11n MCS7
5. Average current transmitting 1Mbit/s UDP at 802.11n MCS7
6. Wi-Fi Transmitting at +18dBm CCK 11Mbit/s with maximum duty cycle
7. Hardware capability; minimum power consumption is dependent on WiConnect version and external compo-
nents connected to AMWx06 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com