Electronic Components Datasheet Search
  English  ▼

X  

SM8703AV Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8703AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—7
FUNCTIONAL DESCRIPTION
27 MHz Master Clock
The 27 MHz master clock is generated either by connecting a crystal oscillator element between XTI (pin 8)
and XTO (pin 9), as shown in figure 1, or by connecting an external 27 MHz clock to XTI, as shown in figure
2. Input 27MHz master clock on XTI when using an external clock. Crystal oscillator element must be funda-
mental.
Figure 1. Crystal oscillator connection
Figure 2. External clock input
Oscillator
Internal
Circuits
XTI (Pin8)
XTO (Pin9)
MO2 (Pin24)
MO1 (Pin3)
SM8703AV
C2
C1
C1, C2 = 5 to 33pF
Oscillator
Internal
Circuits
XTI (Pin8)
XTO (Pin9)
MO2 (Pin24)
MO1 (Pin3)
SM8703AV
Open
External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com