Electronic Components Datasheet Search
  English  ▼

X  

SM8703AV Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—11
TYPICAL APPLICATION
s
Connect the decoupling capacitors (approximately
0.1
µF and 1000pF) in parallel, as close to power
supply pins as possible.
s
In order to minimize noise, it is useful to make
VSS as solid pattern.
s
Master clock stability affects the other outputs sta-
bility. In the usage of crystal oscillator, load
capacitor and crystal oscillator should be placed as
close to the SM8703AV as possible, and wired
shortly. Select crystal oscillators and load capaci-
tance carefully, depending on the condition, as
those combination will have influence on the fre-
quency accuracy(C1, C2).
s
Supply pattern including decoupling capacitors
needs careful attention to make the IC’s perfor-
mance better, since the SM8703AV outputs sev-
eral high frequency clocks. Pattern capacitance
from output pins should not to be large for preven-
tion of the noise. Connecting output pins to buff-
ers is useful if it is necessary.
s
Power supply and VSS pins.
• VDD
: Power supply for digital block
(CPU I/F*, MO1, MO2)
• VSS
: VSS for digital block
(CPU I/F*, MO1, MO2)
• VDDA : Power supply for PLL block
(XTI, XTO, PLL/VCO)
• VSSA : VSS for PLL block
(XTI, XTO, PLL/VCO)
• VDD1 : Power supply for output block
(except SO1)
• VSS1 : VSS for output block
(except SO1)
• VDD2 : Power supply for SO1
• VSS2 : VSS for SO1
*: CPU I/F: FSEL/MDT, MLEN, MCK
SO2
VSS
VDD
MO1
RSV
SO3
MLEN
FSEL/MDT
RSV
XTO
SO4
MCK
RSV
VDDA
MO2
VSSA
XTI
VDD1
VSS1
SO5
SM8703AV
CPU
768fs
384fs
33.8688MHz
27MHz
C1
C2
C3
C4
X'tal
+3.3V
VDD2
RSV
VSS2
SO1
C6
C5
+3.3V
27MHz
512fs
512fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com