Electronic Components Datasheet Search
  English  ▼

X  

NVMFS6B05NL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS6B05NL
Description  Single N?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B05NL Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS6B05NL Datasheet HTML 1Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 2Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 3Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 4Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 5Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS6B05NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
72.8
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 80 V
TJ = 25 °C
10
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 16 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
3.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
7.91
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 20 A
6.5
8.0
m
W
VGS = 4.5 V
8.7
11.3
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 50 V
3100
pF
Output Capacitance
COSS
570
Reverse Transfer Capacitance
CRSS
28
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDD = 50 V, ID = 25 A
26
nC
VGS = 10 V, VDS = 50 V; ID = 25 A
44
Threshold Gate Charge
QG(TH)
5.0
Gate−to−Source Charge
QGS
14
Gate−to−Drain Charge
QGD
12
Plateau Voltage
VGP
5.0
V
Gate Resistance
RG
TJ = 25°C
1.0
W
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 50 V,
ID = 25 A, RG = 1.0 W
14
ns
Rise Time
tr
43
Turn−Off Delay Time
td(OFF)
39
Fall Time
tf
16
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 25 A
TJ = 25°C
0.9
1.2
V
TJ = 125°C
0.8
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
58
ns
Charge Time
ta
30
Discharge Time
tb
28
Reverse Recovery Charge
QRR
83
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com