Electronic Components Datasheet Search
  English  ▼

X  

NVMFS6B05NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS6B05NL
Description  Single N?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B05NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS6B05NL Datasheet HTML 1Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 2Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 3Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 4Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 5Page - ON Semiconductor NVMFS6B05NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS6B05NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3.0
1.0
0
0
20
100
5
4
2
1
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
9.0
8.0
7.0
10
7.5
6.5
6.0
4.5
4
12
25
30
20
15
8
10
4
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.8
1.2
100
50
40
30
20
10
10K
4.5 V
4.0 V
VDS ≤ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
10
ID = 20 A
TJ = 25°C
VGS = 6.0 V
TJ = 25°C
VGS = 10 V
50
ID = 20 A
VGS = 10 V
TJ = 25°C
TJ = 125°C
3
6
14
1.0
0.4
1.4
18
120
10
7.0 V
2.0
0
40
100
80
140
20
120
20
6
1.8
2.0
60
80
15
2.5
5.5 V
VGS = 10 V
40
140
60
5.0
45
50
35
40
0.6
100
10
1
0.5
1.5
5.5
8.5
9.5
8
16
12
14
1.6
TJ = 150°C
1K
100K
6.5 V
5.0 V
6.0 V
67
7
9
5
11
13
60
70
80
90
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com