Electronic Components Datasheet Search
  English  ▼

X  

P2180 Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2180
Description  Peak Reducing EMI Solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2180 Datasheet(HTML) 2 Page - ON Semiconductor

  P2180 Datasheet HTML 1Page - ON Semiconductor P2180 Datasheet HTML 2Page - ON Semiconductor P2180 Datasheet HTML 3Page - ON Semiconductor P2180 Datasheet HTML 4Page - ON Semiconductor P2180 Datasheet HTML 5Page - ON Semiconductor P2180 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2180
Rev. 2 | Page 2 of 6 | www.onsemi.com
Block Diagram
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
NC
No connect.
3
VSS
P
Ground to entire chip.
4
SRS
I
Spread Range Select. Digital logic input used to select frequency deviation Refer
Spread Deviation Selections Table
. This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Connect to +3.3V.
7
NC
No connect.
8
NC
No connect.
1
2
3
4
5
6
7
8
XIN
VSS
SRS
P2180X
VDD
NC
ModOUT
NC
NC
XIN
XOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SRS
Crystal
Oscillator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com