Electronic Components Datasheet Search
  English  ▼

X  

P2180 Datasheet(PDF) 4 Page - ON Semiconductor

Part # P2180
Description  Peak Reducing EMI Solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2180 Datasheet(HTML) 4 Page - ON Semiconductor

  P2180 Datasheet HTML 1Page - ON Semiconductor P2180 Datasheet HTML 2Page - ON Semiconductor P2180 Datasheet HTML 3Page - ON Semiconductor P2180 Datasheet HTML 4Page - ON Semiconductor P2180 Datasheet HTML 5Page - ON Semiconductor P2180 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P2180
Rev. 2 | Page 4 of 6 | www.onsemi.com
DC Electrical Characteristics
Unless otherwise noted, VDD = 3.3V and TA =25°C.
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND –
0.3
0.8
V
VIH
Input high voltage
VDD + 0.3
V
IIL
Input low current (input SRS)
-60.0
-20.0
µA
IIH
Input high current
1.00
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
2.00
12.00
mA
IXOH
XOUT output high current (@ 2.5V, VDD = 3.3V)
12.00
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.8
V
ICC
Dynamic supply current normal mode
(3.3V and 10pF loading)
8.6 fIN -
min
27.0 fIN -
max
mA
IDD
Static supply current standby mode
4.5
mA
VDD
Operating voltage
3.3
V
tON
Power up time (first locked clock cycle after power
up)
mS
ZOUT
Clock output impedance
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
20
40
MHz
fOUT
Output frequency
20
40
MHz
tLH1
Output rise time (measured at 0.8V to 2.0V)
0.69
ns
tHL1
Output fall time (measured at 2.0V to 0.8V)
0.66
ns
tJC
Jitter (cycle-to-cycle)
-200
200
ps
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com