Electronic Components Datasheet Search
  English  ▼

X  

PCP1405 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCP1405
Description  Single N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1405 Datasheet(HTML) 1 Page - ON Semiconductor

  PCP1405 Datasheet HTML 1Page - ON Semiconductor PCP1405 Datasheet HTML 2Page - ON Semiconductor PCP1405 Datasheet HTML 3Page - ON Semiconductor PCP1405 Datasheet HTML 4Page - ON Semiconductor PCP1405 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
72414HK TC-00003120/41514TKIM PA No.A2326-1/5
Semiconductor Components Industries, LLC, 2014
July, 2014
http://onsemi.com
PCP1405
Features
 On-resistance RDS(on)1=5Ω (typ)
 2.5V drive
 Protection diode in
 Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Value
Unit
Drain to Source Voltage
VDSS
250
V
Gate to Source Voltage
VGSS
10
V
Drain to Gate Voltage
VDGS
250
V
Gate to Drain Voltage
VGDS
10
V
Drain Current (DC)
ID
0.6
A
Drain Current (Pulse)
IDP
PW
10s, duty cycle1%
2.4
A
Power Dissipation
PD
Tc=25
C
3.5
W
When mounted on ceramic substrate (600mm
2
0.8mm)
1.3
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
- 55 to +150
C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Case Steady State
R
JC
35.7
C/W
Junction to Ambient
R
JA
96.1
When mounted on ceramic substrate (600mm
2
0.8mm)
Electrical Characteristics at Ta
 25C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
250
V
Zero-Gate Voltage Drain Current
IDSS
VDS=250V, VGS=0V
1
A
Gate to Source Leakage Current
IGSS
VGS=±8V, VDS=0V
10
A
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transconductance
gFS
VDS=10V, ID=0.3A
1.4
S
Continued on next page.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Ordering number : ENA2326A
Power MOSFET
250V, 6.5Ω, 0.6A, Single N-Channel
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.


Similar Part No. - PCP1405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1402 ONSEMI-PCP1402 Datasheet
467Kb / 5P
Single N-Channel Power MOSFET
September, 2014
PCP1402-TD-H ONSEMI-PCP1402-TD-H Datasheet
467Kb / 5P
Single N-Channel Power MOSFET
September, 2014
PCP1403 ONSEMI-PCP1403 Datasheet
402Kb / 5P
N-Channel Power MOSFET
May, 2014
PCP1403-TD-H ONSEMI-PCP1403-TD-H Datasheet
402Kb / 5P
N-Channel Power MOSFET
May, 2014
More results

Similar Description - PCP1405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
NVTFS6H860NL ONSEMI-NVTFS6H860NL Datasheet
275Kb / 8P
MOSFET - Power, Single N-Channel
November, 2020 ??Rev. 1
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com