Electronic Components Datasheet Search
  English  ▼

X  

PCP1405 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCP1405
Description  Single N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1405 Datasheet(HTML) 2 Page - ON Semiconductor

  PCP1405 Datasheet HTML 1Page - ON Semiconductor PCP1405 Datasheet HTML 2Page - ON Semiconductor PCP1405 Datasheet HTML 3Page - ON Semiconductor PCP1405 Datasheet HTML 4Page - ON Semiconductor PCP1405 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCP1405
No.A2326-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Static Drain to Source On-State Resistance
RDS(on)1
ID=0.3A, VGS=4.5V
5
6.5
RDS(on)2
ID=0.3A, VGS=2.5V
5.1
7.2
Input Capacitance
Ciss
VDS=20V, f=1MHz
140
pF
Output Capacitance
Coss
8
pF
Reverse Transfer Capacitance
Crss
3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
7.6
ns
Rise Time
tr
7.8
ns
Turn-OFF Delay Time
td(off)
19
ns
Fall Time
tf
26
ns
Total Gate Charge
Qg
VDS=125V, VGS=4.5V, ID=0.6A
2.1
nC
Gate to Source Charge
Qgs
0.3
nC
Gate to Drain “Miller” Charge
Qgd
0.7
nC
Forward Diode Voltage
VSD
IS=0.6A, VGS=0V
0.84
1.2
V
Ordering & Package Information
Packing Type:TD
Marking
Device
Package
Shipping
note
PCP1405-TD-H
PCP, SC-62
SOT-89, TO-243
1,000
pcs. / reel
Pb-Free
and
Halogen Free
Electrical Connection
Switching Time Test Circuit
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com