Electronic Components Datasheet Search
  English  ▼

X  

2SC5488A Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC5488A
Description  NPN Single SSFP RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5488A Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5488A Datasheet HTML 1Page - ON Semiconductor 2SC5488A Datasheet HTML 2Page - ON Semiconductor 2SC5488A Datasheet HTML 3Page - ON Semiconductor 2SC5488A Datasheet HTML 4Page - ON Semiconductor 2SC5488A Datasheet HTML 5Page - ON Semiconductor 2SC5488A Datasheet HTML 6Page - ON Semiconductor 2SC5488A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
71112 TKIM/60408AB TIIM TC-00001389 No. A1089-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5488A
RF Transistor
10V, 70mA, fT=7GHz, NPN Single SSFP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low-noise
: NF=1.0dB typ (f=1GHz)
•
High gain
: ⏐S21e⏐
2=12dB typ (f=1GHz)
•
High cut-off frequency : fT=7GHz typ
•
Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
70
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7029A-002
Ordering number : ENA1089A
3
2
1
Product & Package Information
• Package
: SSFP
• JEITA, JEDEC
: SC-81
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
LN
TL
1 : Base
2 : Emitter
3 : Collector
SSFP
1
3
12
2
3
1.4
0 to 0.02
0.25
0.2
0.45
0.1
2SC5488A-TL-H


Similar Part No. - 2SC5488A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
468Kb / 7P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A_12 Datasheet
468Kb / 7P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5488A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
NPN RF Transistor
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
NPN RF Transistor
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
50C02SS ONSEMI-50C02SS Datasheet
515Kb / 7P
Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com