Electronic Components Datasheet Search
  English  ▼

X  

2SC5488A Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC5488A
Description  NPN Single SSFP RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5488A Datasheet(HTML) 4 Page - ON Semiconductor

  2SC5488A Datasheet HTML 1Page - ON Semiconductor 2SC5488A Datasheet HTML 2Page - ON Semiconductor 2SC5488A Datasheet HTML 3Page - ON Semiconductor 2SC5488A Datasheet HTML 4Page - ON Semiconductor 2SC5488A Datasheet HTML 5Page - ON Semiconductor 2SC5488A Datasheet HTML 6Page - ON Semiconductor 2SC5488A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5488A
No. A1089-4/7
S Parameters (Common emitter)
VCE=5V, IC=7mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.786
-40.7
17.507
151.3
0.028
70.1
0.898
-20.4
200
0.677
-72.4
13.998
131.4
0.046
58.0
0.739
-33.4
400
0.546
-112.7
9.061
108.6
0.064
49.6
0.525
-43.7
600
0.492
-135.2
6.442
96.1
0.076
49.3
0.423
-46.7
800
0.473
-150.0
5.005
87.3
0.087
50.8
0.374
-44.4
1000
0.465
-160.0
4.073
80.4
0.099
52.6
0.346
-49.7
1200
0.457
-169.5
3.449
74.0
0.111
54.0
0.332
-51.6
1400
0.451
-176.2
2.989
68.6
0.124
55.2
0.321
-54.1
1600
0.449
177.8
2.658
63.8
0.138
56.6
0.319
-56.2
1800
0.454
172.5
2.378
58.4
0.151
56.7
0.313
-60.0
2000
0.460
167.1
2.154
54.0
0.166
56.7
0.311
-63.2
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.601
-65.8
28.967
137.1
0.023
64.1
0.757
-32.9
200
0.497
-103.7
19.309
116.6
0.035
57.0
0.534
-50.3
400
0.435
-139.6
10.891
98.6
0.050
58.7
0.345
-50.3
600
0.419
-156.6
7.461
89.3
0.065
61.3
0.280
-50.7
800
0.414
-166.6
5.695
82.5
0.081
63.1
0.251
-51.3
1000
0.413
-174.0
4.613
77.0
0.098
63.8
0.235
-52.9
1200
0.413
178.6
3.870
71.8
0.114
63.9
0.226
-55.1
1400
0.411
173.8
3.345
66.9
0.131
63.6
0.221
-57.7
1600
0.413
169.6
2.960
62.7
0.148
63.2
0.220
-60.2
1800
0.416
165.1
2.655
58.0
0.165
61.8
0.219
-64.8
2000
0.422
160.3
2.406
54.0
0.182
60.6
0.218
-68.3
VCE=2V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.888
-30.2
9.280
158.6
0.038
73.6
0.949
-15.1
200
0.815
-56.4
8.218
141.3
0.067
60.5
0.849
-26.9
400
0.690
-96.0
6.074
116.7
0.098
45.1
0.657
-41.1
600
0.616
-120.7
4.517
101.4
0.112
38.4
0.539
-47.6
800
0.584
-138.0
3.610
90.4
0.120
35.8
0.475
-51.2
1000
0.566
-150.7
2.995
81.9
0.125
35.7
0.434
-54.5
1200
0.555
-161.2
2.540
74.2
0.131
36.5
0.410
-57.5
1400
0.546
-169.3
2.213
67.5
0.137
38.4
0.393
-60.7
1600
0.541
-176.4
1.982
62.0
0.143
40.7
0.391
-64.0
1800
0.545
177.1
1.774
55.9
0.152
42.5
0.382
-67.8
2000
0.547
170.9
1.614
50.9
0.163
44.7
0.381
-72.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com