Electronic Components Datasheet Search
  English  ▼

X  

CAT884 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT884
Description  Quad Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT884 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT884 Datasheet HTML 1Page - ON Semiconductor CAT884 Datasheet HTML 2Page - ON Semiconductor CAT884 Datasheet HTML 3Page - ON Semiconductor CAT884 Datasheet HTML 4Page - ON Semiconductor CAT884 Datasheet HTML 5Page - ON Semiconductor CAT884 Datasheet HTML 6Page - ON Semiconductor CAT884 Datasheet HTML 7Page - ON Semiconductor CAT884 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAT884
http://onsemi.com
2
Figure 2. CAT884 Block Diagram
GND
V1
V2
V3
V4
V+
0.635 V
POR
0.635 V
0.635 V
0.635 V
30 ms
Filter
VDD
RESET
MR
30 ms
Filter
30 ms
Filter
30 ms
Filter
−
+
−
+
−
+
−
+
+
−
+
−
+
−
+
−
Table 1. PIN FUNCTION
Pin Number
Pin Name
Function
1
VDD
Chip power supply
2
RESET
Open Drain active LOW reset output
3
MR
Manual Reset
4
GND
Ground
5
V4
Fourth adjustable under−voltage detector input
6
V3
Third adjustable under−voltage detector input
7
V2
Second adjustable under−voltage detector input
8
V1
First adjustable under−voltage detector input
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
VDD, V1−V4, MR, RESET to GND
−0.3 to +6.0
V
Continuous RESET Current
20
mA
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−65 to +150
°C
Junction Temperature
+150
°C
Lead Temperature (soldering, 10 s)
+300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com