Electronic Components Datasheet Search
  English  ▼

X  

CAT884 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT884
Description  Quad Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT884 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT884 Datasheet HTML 1Page - ON Semiconductor CAT884 Datasheet HTML 2Page - ON Semiconductor CAT884 Datasheet HTML 3Page - ON Semiconductor CAT884 Datasheet HTML 4Page - ON Semiconductor CAT884 Datasheet HTML 5Page - ON Semiconductor CAT884 Datasheet HTML 6Page - ON Semiconductor CAT884 Datasheet HTML 7Page - ON Semiconductor CAT884 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CAT884
http://onsemi.com
3
Table 3. ELECTRICAL CHARACTERISTICS
(VDD = 1.0 V to 5.5 V, TA = −40°C to +85°C, unless otherwise noted. Typical values are at VDD = 3.0 V to 3.3 V, TA = +25°C. (Note 1))
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VDD
Operating Voltage
1.5
5.5
V
IDD
Supply Current
VDD = 5 V
3
9
mA
VPOR_
VDD Input Voltage Threshold
VDD low ³ High
2.6
V
VDD High ³ Low
2.4
RESET OUTPUT
VOL
RESET Output Low
VCC ≥ 5 V, ISINK = 2.5 mA
0.05
0.4
V
VCC < 3.3 V, ISINK = 1.5 mA
0.05
0.4
RIN
Internal Pull−Up Resistor
20
kW
TCVTH
Reset Threshold Temperature
Coefficient
60
ppm/°C
tRPD
Delay; VIN to Reset
VIN falling at 10 mV/ms from VTH to
(VTH – 50 mV)
1
1.5
ms
VOLTAGE THRESHOLD
VTH
Adjustable Threshold
Monitored voltage decreasing
0.619
0.635
0.651
V
VHYST
Reset Threshold Hysteresis
Monitored voltage increasing compared
to monitored voltage decreasing
10
mV
VTH_VAR
Variance of VTH voltages
VTH (max) − VTH (min) (Note 4)
1.8
mV
tFIL
Glitch Filter Delay
VMON glitch to RST low Filter
30
ms
tRD
Delay; VMON to Reset
VMON falling at 10 mV/ms from VTH to
(VTH – 50 mV)
1
2
ms
MANUAL RESET INPUT
VTHL
MR Input Voltage Low
0.8
V
VTHH
MR Input Voltage High
VDD −
0.6
V
TPW
MR Minimum Pulse Width
20
ns
IPU
Pull−Up Current
10
mA
tMD
MR to Deassert Reset output
delay
40
ns
tMR
MR to Assert Reset output
delay
30
ns
1. 100% production tested at TA = +25°C. Limits over temperature guaranteed by design.
2. The devices are powered from VDD.
3. The RESET output is guaranteed to be in the correct state for VDD down to 1 V.
4. Not tested in production but guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com