Electronic Components Datasheet Search
  English  ▼

X  

ECH8661 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8661
Description  Complementary Dual Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8661 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8661 Datasheet HTML 1Page - ON Semiconductor ECH8661 Datasheet HTML 2Page - ON Semiconductor ECH8661 Datasheet HTML 3Page - ON Semiconductor ECH8661 Datasheet HTML 4Page - ON Semiconductor ECH8661 Datasheet HTML 5Page - ON Semiconductor ECH8661 Datasheet HTML 6Page - ON Semiconductor ECH8661 Datasheet HTML 7Page - ON Semiconductor ECH8661 Datasheet HTML 8Page - ON Semiconductor ECH8661 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Switching Time Test Circuit
[N-channel]
[P-channel]
Ordering Information
Device
Package
Shipping
memo
ECH8661-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
0
IT13725
0
2
4
6
1
3
5
7
0
0
IT13723
IT13724
0.2
0.4
0.6
0.8
1.0
0
1.0
2.0
3.0
4.0
4.5
0.5
1.5
2.5
3.5
5.0
1
4
7
2
5
9
8
3
6
11
10
12
13
14
10
614
28
412
16
0
10
20
30
40
60
50
70
80
VDS=10V
VGS=3.0V
3.5V
Ta=25
°C
IT13726
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
10
30
50
70
20
40
60
VGS
=4.5V
, ID=2.0A
VGS
=10.0V
, ID=3.5A
VGS
=4.0V
, ID=2.0A
ID=2A
3.5A
[Nch]
[Nch]
[Nch]
[Nch]
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=3.5A
RL=4.3Ω
VDD=15V
VOUT
VIN
10V
0V
VIN
ECH8661
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --2.5A
RL=6Ω
VDD= --15V
VOUT
VIN
0V
--10V
VIN
ECH8661
ECH8661
No. A1777-3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com