Electronic Components Datasheet Search
  English  ▼

X  

2SC5490A Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC5490A
Description  Mini Buck Converter for RF Power Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5490A Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5490A Datasheet HTML 1Page - ON Semiconductor 2SC5490A Datasheet HTML 2Page - ON Semiconductor 2SC5490A Datasheet HTML 3Page - ON Semiconductor 2SC5490A Datasheet HTML 4Page - ON Semiconductor 2SC5490A Datasheet HTML 5Page - ON Semiconductor 2SC5490A Datasheet HTML 6Page - ON Semiconductor 2SC5490A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
71112 TKIM/N2608AB TIIM TC-00001691 No. A1091-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5490A
RF Transistor
10V, 30mA, fT=8GHz, NPN Single SSFP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low-noise
: NF=0.9dB typ (f=1GHz)
: NF=1.4dB typ (f=1.5GHz)
•
Low-voltage, low-current operation (VCE=1V, IC=1mA)
: fT=3.5GHz typ
: ⏐S21e⏐
2=5.5dB typ (f=1.5GHz)
•
High gain
: ⏐S21e⏐
2=10dB typ (f=1.5GHz)
•
High cut-off frequency : fT=8GHz typ
•
Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
1.5
V
Collector Current
IC
30
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7029A-002
Ordering number : ENA1091A
3
2
1
Product & Package Information
• Package
: SSFP
• JEITA, JEDEC
: SC-81
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
MN
TL
1 : Base
2 : Emitter
3 : Collector
SSFP
1
3
12
2
3
1.4
0 to 0.02
0.25
0.2
0.45
0.1
2SC5490A-TL-H


Similar Part No. - 2SC5490A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5490A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
ON Semiconductor
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
Mini Buck Converter for RF Power Amplifiers
September, 2013
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com