Electronic Components Datasheet Search
  English  ▼

X  

2SC5490A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5490A
Description  Mini Buck Converter for RF Power Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5490A Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5490A Datasheet HTML 1Page - ON Semiconductor 2SC5490A Datasheet HTML 2Page - ON Semiconductor 2SC5490A Datasheet HTML 3Page - ON Semiconductor 2SC5490A Datasheet HTML 4Page - ON Semiconductor 2SC5490A Datasheet HTML 5Page - ON Semiconductor 2SC5490A Datasheet HTML 6Page - ON Semiconductor 2SC5490A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5490A
No. A1091-3/7
⏐S21e⏐2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
⏐S21e⏐2 -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
NF -- IC
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
120
0
100
60
80
40
20
20
060
40
80
100
140
120
160
IT01385
16
14
12
10
8
6
4
2
0
10
100
33
25
57
3
25
7
7 1.0
12
10
8
6
4
2
0
IT01384
IT01381
3
23
2
1.0
0.1
57
3
25
7
5
10
VCE=2V
f=1GHz
12
10
8
6
4
2
0
IT01383
3
23
2
0.1
1.0
57
3
25
7
5
10
f=1.5GHz
f=1GHz
f=1.5GHz
10
100
33
25
57
3
25
7
7 1.0
16
14
12
10
8
6
4
2
0
IT01382
7
5
7
5
3
2
2
5
3
0.1
1.0
3
25
10
0.1
73
25
7
5
3
2
7
1.0
f=1MHz
7
5
7
5
3
2
2
5
3
0.1
1.0
3
25
10
0.1
73
25
3
25
7
7
1.0
f=1MHz
IT01380
IT01379



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com