Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CPH6021
Description  RF Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6021 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CPH6021 Datasheet HTML 4Page - ON Semiconductor CPH6021 Datasheet HTML 5Page - ON Semiconductor CPH6021 Datasheet HTML 6Page - ON Semiconductor CPH6021 Datasheet HTML 7Page - ON Semiconductor CPH6021 Datasheet HTML 8Page - ON Semiconductor CPH6021 Datasheet HTML 9Page - ON Semiconductor CPH6021 Datasheet HTML 10Page - ON Semiconductor CPH6021 Datasheet HTML 11Page - ON Semiconductor CPH6021 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CPH6021
No. A1910-9/12
S Parameters (Common emitter)
VCE=8V, IC=50mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.306
-72.7
36.956
130.9
0.011
71.4
0.720
-28.3
200
0.240
-113.2
23.684
109.1
0.020
79.6
0.548
-34.3
300
0.225
-133.1
16.651
98.7
0.030
81.1
0.476
-36.5
400
0.223
-145.1
12.680
92.0
0.039
83.0
0.437
-38.8
500
0.226
-154.0
10.188
86.9
0.050
83.4
0.410
-41.3
600
0.230
-160.9
8.491
82.9
0.060
83.2
0.392
-44.0
700
0.235
-166.7
7.273
79.3
0.071
82.8
0.377
-46.7
800
0.239
-171.6
6.356
76.2
0.082
82.1
0.367
-49.3
900
0.243
-176.1
5.651
73.4
0.093
81.0
0.357
-52.1
1000
0.246
180.0
5.089
70.6
0.104
80.5
0.352
-54.7
1200
0.253
172.7
4.254
65.6
0.126
78.2
0.344
-60.2
1400
0.259
166.2
3.665
60.7
0.149
76.0
0.340
-65.8
1600
0.267
160.5
3.229
56.1
0.171
73.6
0.339
-71.6
1800
0.273
155.1
2.892
51.7
0.194
71.3
0.340
-77.2
2000
0.280
149.9
2.627
47.4
0.217
68.8
0.342
-83.0
2200
0.288
145.0
2.411
43.1
0.240
66.3
0.345
-89.0
2400
0.295
140.2
2.230
39.1
0.264
63.9
0.348
-94.6
2600
0.301
135.8
2.080
35.2
0.286
61.5
0.353
-100.0
2800
0.310
131.6
1.954
31.3
0.310
58.8
0.358
-106.0
3000
0.314
127.6
1.844
27.8
0.334
56.5
0.364
-111.1
VCE=8V, IC=80mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.308
-126.7
31.174
123.7
0.011
65.2
0.658
-24.0
200
0.360
-153.8
18.003
104.2
0.019
78.8
0.537
-26.2
300
0.378
-164.8
12.329
95.1
0.027
81.1
0.495
-28.2
400
0.388
-171.5
9.301
89.0
0.035
83.9
0.472
-30.9
500
0.395
-176.6
7.456
84.3
0.045
85.8
0.456
-33.9
600
0.401
179.3
6.212
80.4
0.054
86.0
0.445
-37.1
700
0.407
175.7
5.328
76.9
0.065
86.1
0.436
-40.4
800
0.411
172.4
4.665
73.8
0.075
85.9
0.429
-43.7
900
0.414
169.4
4.154
70.8
0.086
85.4
0.423
-47.0
1000
0.417
166.4
3.748
68.0
0.097
84.7
0.419
-50.3
1200
0.423
160.9
3.144
62.7
0.120
83.0
0.415
-56.9
1400
0.428
155.7
2.718
57.6
0.143
81.1
0.413
-63.6
1600
0.434
150.9
2.403
52.7
0.167
78.9
0.413
-70.3
1800
0.438
146.2
2.158
48.1
0.192
76.5
0.414
-77.0
2000
0.443
141.7
1.966
43.6
0.217
74.0
0.417
-83.6
2200
0.449
137.2
1.808
39.2
0.243
71.3
0.419
-90.3
2400
0.454
132.8
1.676
35.1
0.269
68.7
0.422
-96.7
2600
0.459
128.7
1.567
31.2
0.296
65.8
0.426
-102.9
2800
0.465
124.5
1.474
27.3
0.323
62.9
0.430
-109.3
3000
0.467
120.6
1.394
23.9
0.350
60.1
0.435
-115.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com