Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH6021
Description  RF Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6021 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH6021 Datasheet HTML 1Page - ON Semiconductor CPH6021 Datasheet HTML 2Page - ON Semiconductor CPH6021 Datasheet HTML 3Page - ON Semiconductor CPH6021 Datasheet HTML 4Page - ON Semiconductor CPH6021 Datasheet HTML 5Page - ON Semiconductor CPH6021 Datasheet HTML 6Page - ON Semiconductor CPH6021 Datasheet HTML 7Page - ON Semiconductor CPH6021 Datasheet HTML 8Page - ON Semiconductor CPH6021 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
62712 TKIM/20911AB TKIM TC-00002543 No. A1910-1/12
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
CPH6021
RF Transistor
12V, 100mA, fT=10GHz, NPN Single CPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low-noise use
: NF=1.2dB typ (f=1GHz)
•
High cut-off frequency : fT=10GHz typ (VCE=5V)
•
High gain
: |S21e|
2=14dB typ (f=1GHz)
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
700
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-002
Ordering number : ENA1910A
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6021-TL-H


Similar Part No. - CPH6021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
CPH6021 SANYO-CPH6021 Datasheet
572Kb / 12P
High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
High-Frequency Low-Noise Amplifier
More results

Similar Description - CPH6021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
RF Transistor
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
RF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
RF TRANSISTOR
MPSH10A UTC-MPSH10A_11 Datasheet
119Kb / 4P
RF TRANSISTOR
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
RF TRANSISTOR
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
RF Transistor
August, 2013
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
RF Transistor
May 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com