Electronic Components Datasheet Search
  English  ▼

X  

NMF3506 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NMF3506
Description  Mini Buck Converter for RF Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NMF3506 Datasheet(HTML) 1 Page - ON Semiconductor

  NMF3506 Datasheet HTML 1Page - ON Semiconductor NMF3506 Datasheet HTML 2Page - ON Semiconductor NMF3506 Datasheet HTML 3Page - ON Semiconductor NMF3506 Datasheet HTML 4Page - ON Semiconductor NMF3506 Datasheet HTML 5Page - ON Semiconductor NMF3506 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. P0
1
Publication Order Number:
NMF3506/D
NMF3506
Advance Information
RF Filtering and ESD
Protection on I2C Bus
and Digital Line, Thermal
Shutdown and Power
Switch with Short Circuit
Protection
The NMF3506 interfaces with mobile phone accessories using I2C
bus. It includes two I2C line filters and a general purpose digital line
filter. It is compliant with EMC international standards required for
cellular phones and portable equipment. It also includes a low voltage
drop power switch to control the accessory supply. It has safety
features such as thermal shutdown and main switch short circuit
protection. All I/O are ESD protected according to the stringent
IEC 61000−4−2 international standard.
Features
• ESD Protection IEC 61000−4−2 Level 4 (Vbatt and Output Pins)
• ESD Protection IEC 61000−4−2 Level 1 (All I/O)
• RF Filtering (800 MHz–6.0 GHz): −25 dB
• RF Filtering (1.0 GHz–2.5 GHz): −30 dB
• Power Switch: 120 mA (<200 mV)
• Voltage Drop Across Power Switch: <200 mV
• Controlled I2C Bias
• Low Quiescent Current, 10 mA
off, 100
mAon
• 15 Bump Flip−Chip Direct Chip Attach:
2.1 mm x 2.1 mm x 0.65 mm
• This is a Pb−Free Device
Typical Application
• Cellular Phones
• Portable Equipment
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
http://onsemi.com
FLIP−CHIP 15 CSP
CASE TBD
MARKING
DIAGRAM
xx
xx
LYW
xx = Specific Device Code
L
= Wafer Lot
Y
= Year
W = Work Week
Device
Package
Shipping†
ORDERING INFORMATION
NMF3506FCT1G
Flip−Chip
3000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A1
A1


Similar Part No. - NMF3506

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NMF3 PANDUIT-NMF3 Datasheet
747Kb / 2P
High Capacity Horizontal Cable Managers
8/2020
NMF3 PANDUIT-NMF3 Datasheet
1Mb / 2P
NetRunner Vertical Cable Managers
7/2020
logo
ON Semiconductor
NMF3000 ONSEMI-NMF3000 Datasheet
86Kb / 10P
Dual-Stage, Differential Lines Filter
March, 2004 ??Rev. 1
NMF3000FCT1G ONSEMI-NMF3000FCT1G Datasheet
86Kb / 10P
Dual-Stage, Differential Lines Filter
March, 2004 ??Rev. 1
NMF3010 ONSEMI-NMF3010 Datasheet
86Kb / 10P
Dual-Stage, Differential Lines Filter
March, 2004 ??Rev. 1
More results

Similar Description - NMF3506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
ON Semiconductor
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
Mini Buck Converter for RF Power Amplifiers
September, 2013
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com