Electronic Components Datasheet Search
  English  ▼

X  

NMF3506 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NMF3506
Description  Mini Buck Converter for RF Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NMF3506 Datasheet(HTML) 4 Page - ON Semiconductor

  NMF3506 Datasheet HTML 1Page - ON Semiconductor NMF3506 Datasheet HTML 2Page - ON Semiconductor NMF3506 Datasheet HTML 3Page - ON Semiconductor NMF3506 Datasheet HTML 4Page - ON Semiconductor NMF3506 Datasheet HTML 5Page - ON Semiconductor NMF3506 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NMF3506
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ESD Structure Breakdown Voltage (IR = 1.0 mA)
VBRESD
6.0
−
20
V
ESD Structure Leakage Current (Per Line) (VRM = 3.0 V)
IR
−
−
0.1
mA
ESD Discharge IEC61000−4−2 Level 1 Air
ESD Discharge IEC61000−4−2 Level 1 Contact
Machine Model
(For CTRL, VCC, sda, scl, gp Pins)
VPP
2.0
2.0
0.2
−
−
−
−
−
−
kV
ESD Discharge IEC61000−4−2 Level 4 Air
ESD Discharge IEC61000−4−2 Level 4 Contact
Machine Model
(For Vbatt, VOUT, SDA, SCL, GP Pins)
VPP
15
8.0
0.2
−
−
−
−
−
−
kV
Line Capacitance
CL
37
46
55
pF
I2C Filter Bias Resistors R1, R2
Ambient Temperature
C
RBI2CAMB
1.8
2.0
2.2
k
W
−40 to 85
°C Temperature Range
RBI2C
1.4
2.0
2.6
k
W
GP Filter Bias Resistors R3
Ambient Temperature
CT
R
RBGPAMB
90
100
110
K
W
−40 to 85
°C Temperature Range
RBGP
70
100
130
k
W
I2C Filter Resistors R4, R5
Ambient Temperature
CT
R
RI2CAMB
90
100
110
W
−40 to 85
°C Temperature Range
RI2C
70
100
130
W
GP Filter Resistor R6
Ambient Temperature
CT
R
RGPAMB
225
250
275
W
−40 to 85
°C Temperature Range
RGP
175
250
325
W
Stopband Rejection, RS = RL = 50 W
Freq = 0.8 GHz to 6.0 GHz
FGH
GH
SBREJ1
−25
−
−
dB
Freq = 1.0 GHz to 2.5 GHz
SBREJ2
−30
−
−
dB
Crosstalk Rejection, RS = RL = 50 W
Freq = 1.0 kHz to 0.8 GHz
GG
XTREJ1
−
−
−30
dB
Freq = 0.8 GHz to 6.0 GHz
XTREJ2
−
−
−20
dB
Vbatt Input Voltage
Vbattin
2.8
−
5.5
V
Voltage Drop from Vbatt to VOUT @ Iout = 120 mA
VbattDROP
−
−
200
mV
Thermal Shutdown Rising Threshold
TSDup
150
−
−
°C
Thermal Shutdown Falling Threshold
TSDdn
85
−
−
°C
Thermal Shutdown Hysteresis
TSDhyst
10
−
−
°C
VOUT Current VbattDROP t200 mV
IOUT
−
−
120
mA
VOUT Short Circuit Current
IOUTSC
−
−
200
mA
VCC Input Voltage
VCC
1.7
1.8
1.95
V
Voltage Drop in VCC Switch
VCCDROP
−
−
120
mV
Input CTRL Voltage High = ON
VCTRLHI
0.7xVCC
−
VCC+0.3
V
Input CTRL Voltage Low = OFF
VCTRLLO
0.0
−
0.3xVCC
V
Quiescent Current (IVbatt+IVCC)
Load
t100 mA CTRL = 1.0
IQON
−
−
100
mA
Quiescent Current (IVbatt+IVCC)
CTRL = 0 Does Not Include I2K and I100K
IQOFF
−
−
10
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com