Electronic Components Datasheet Search
  English  ▼

X  

100313 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100313
Description  Low Power Quad Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100313 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  100313 Datasheet HTML 1Page - National Semiconductor (TI) 100313 Datasheet HTML 2Page - National Semiconductor (TI) 100313 Datasheet HTML 3Page - National Semiconductor (TI) 100313 Datasheet HTML 4Page - National Semiconductor (TI) 100313 Datasheet HTML 5Page - National Semiconductor (TI) 100313 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Military Version
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
0.30
2.00
0.30
1.80
0.30
2.30
ns
(Notes 7,
8, 10, 11)
t
PHL
Data to Output
t
PLH
Propagation Delay
0.50
2.40
0.60
2.30
0.60
2.70
ns
Figures 1, 2
t
PHL
Enable to Output
t
TLH
Transition Time
0.30
2.00
0.30
1.90
0.30
2.00
ns
(Note 10)
t
THL
20% to 80%,80% to
20%
Note 7: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
Note 8: Screen tested 100% on each device at +25˚C, Subgroup A9.
Note 9: Sample tested (Method 5005, Table I) on each manufactured lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 10: Not tested at +25˚C, +125˚C, and −55˚C temperature (design characterization data).
Note 11: The propagation delay specified is for single output switching. Delays may vary up to 150 ps with multiple outputs switching.
Test Circuitry
DS100297-5
Notes:
VCC,VCCA = +2V, VEE = −2.5V.
L1 and L2 = equal length 50
Ω impedance lines.
RT = 50Ω terminator internal to scope.
Decoupling 0.1 µF from GND to VCC and VEE.
All unused outputs are loaded with 50
Ω to GND.
CL = Fixture and stray capacitance ≤ 3pF.
Pin numbers shown are for flatpak; for DIP see logic symbol.
FIGURE 1. AC Test Circuit
www.national.com
3
PrintDate=1998/08/31 PrintTime=07:05:04 45028 ds100297 Rev. No. 1
cmserv
Proof
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com