Electronic Components Datasheet Search
  English  ▼

X  

100313 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100313
Description  Low Power Quad Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100313 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100313 Datasheet HTML 1Page - National Semiconductor (TI) 100313 Datasheet HTML 2Page - National Semiconductor (TI) 100313 Datasheet HTML 3Page - National Semiconductor (TI) 100313 Datasheet HTML 4Page - National Semiconductor (TI) 100313 Datasheet HTML 5Page - National Semiconductor (TI) 100313 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100313
Low Power Quad Driver
General Description
The 100313 is a monolithic quad driver with two OR and two
NOR outputs and common enable. The common input is
buffered to minimize input loading. If the D inputs are not
used the Enable can be used to drive sixteen 50
Ω lines. All
inputs have 50 k
Ω pull-down resistors and all outputs are
buffered.
Features
n 50% power reduction of the 100113
n 2000V ESD protection
n Pin/function compatible with 100113 and 100112
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9673201
Logic Symbol
Pin Names
Description
D
a–Dd
Data Inputs
E
Enable Input
O
na–Ond
Data Outputs
O
na–Ond
Complementary Data Outputs
Connection Diagrams
DS100297-3
24-Pin DIP
DS100297-1
24-Pin Flatpak
DS100297-2
August 1998
© 1998 National Semiconductor Corporation
DS100297
www.national.com
1
PrintDate=1998/08/31 PrintTime=07:05:03 45028 ds100297 Rev. No. 1
cmserv
Proof
1


Similar Part No. - 100313

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
100313PC FAIRCHILD-100313PC Datasheet
82Kb / 8P
Low Power Quad Driver
100313PCX FAIRCHILD-100313PCX Datasheet
82Kb / 8P
Low Power Quad Driver
100313QC FAIRCHILD-100313QC Datasheet
82Kb / 8P
Low Power Quad Driver
100313QCX FAIRCHILD-100313QCX Datasheet
82Kb / 8P
Low Power Quad Driver
More results

Similar Description - 100313

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
logo
Linear Technology
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
Quad Low Power Line Driver
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
Quad Low Power Line Driver?
LT1032 LINER-LT1032 Datasheet
184Kb / 8P
Quad Low Power Line Driver
LTC486 LINER-LTC486_05 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
Quad Low Power Line Driver
LTC486 LINER-LTC486_15 Datasheet
797Kb / 14P
Quad Low Power RS485 Driver
LTC487 LINER-LTC487_15 Datasheet
178Kb / 12P
Quad Low Power RS485 Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
QUAD LOW POWER LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com