Electronic Components Datasheet Search
  English  ▼

X  

SA3286 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA3286
Description  Pre-configured DSP System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286 Datasheet(HTML) 2 Page - ON Semiconductor

  SA3286 Datasheet HTML 1Page - ON Semiconductor SA3286 Datasheet HTML 2Page - ON Semiconductor SA3286 Datasheet HTML 3Page - ON Semiconductor SA3286 Datasheet HTML 4Page - ON Semiconductor SA3286 Datasheet HTML 5Page - ON Semiconductor SA3286 Datasheet HTML 6Page - ON Semiconductor SA3286 Datasheet HTML 7Page - ON Semiconductor SA3286 Datasheet HTML 8Page - ON Semiconductor SA3286 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
2
Features
• Advanced Research
♦ 128−band Adaptive Noise Reduction
♦ Adaptive Feedback Cancellation
♦ Feedback Path Measurement Tool
♦ Automatic Adaptive Directional Microphones
♦ Environmental Classification
• iSceneDetect Environmental Classification 1.0
• iLog Datalogging 2.0
• Tinnitus Treatment
• EVOKE Acoustic Indicators
• Auto Telecoil with Programmable Delay
• FrontWave Directional Processing
• 1, 2, 4, 6 or 8 Channel WDRC Compression
• AGC−O with Variable Threshold, Time Constants, and
Optional Adaptive Release
• 16−band Graphic EQ
• Narrow−band Noise Stimulus
• Optimized Programming Speed
• 8 Biquadratic Filters
• Four Analog Inputs
• 16 kHz or 8 kHz Bandwidth
• Four Fully Configurable Memories with Audible
Memory Change Indicator
• 93 dB Input Dynamic Range with HRXt Headroom
Extension
• 128−bit Fingerprint Security System and Other Security
Features to Protect against Device Cloning and
Software Piracy
• High Fidelity Audio CODEC
• Soft Acoustic Fade between Memory Changes
• Drives Zero−bias 2−terminal Receivers
• Internal or External Analog or Digital Volume Control
with Programmable Range
• Rocker Switch Support
• 20−bit Audio Precision
• thinSTAX® Packaging
• E1 RoHS Compliant Hybrid
thinSTAX Packaging
• Hybrid typical dimensions:
0.215 x 0.124 x 0.067 in.
(5.46 x 3.15 x 1.70 mm)
Figure 1. Hybrid Block Diagram
FMIC
SDA
MS
RMIC
TIN
MS2
VC
MGND
OUT+
OUT−
VBP
PGND
VB
GND
VREG
DAI
16
3
2
14
15
1
12
13
6
7
8
9
10
11
Programming
Interface
EEPROM
Control
A/D
A/D
A/D
Clock
Generator
POR
Circuitry
Cross
Fader
MIC/TCOIL
COMP
AGCO
Feedback
Canceller
Noise Reduction (128 bands)
Graphic EQ (16 bands)
Memory
Select
Frequency
Band
Analysis
Frequency
Band
Synthesis
Wideband
128 bands
Voltage
Regulator
Volume
Control
Pre
Biquad
Filters
Adaptive
Directional
Microphone
or
FrontWave
Data
Logging
WDRC (1,2,4,6 or 8 channels)
S
and Shaper
Noise Generator
Post
Biquad
Filters
Gain
S
* If Input Mode = 1 mic omni, mic + telecoil, mic + DAI
** If Input Mode = 2 mic omni, rear only, directional
M
U
X
54
Environmental
Classification
Acoustic
Indicators
Peak
Clipper
D/A
HBridge
Post
Biquad
Filters
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com