Electronic Components Datasheet Search
  English  ▼

X  

SA3286 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA3286
Description  Pre-configured DSP System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286 Datasheet(HTML) 3 Page - ON Semiconductor

  SA3286 Datasheet HTML 1Page - ON Semiconductor SA3286 Datasheet HTML 2Page - ON Semiconductor SA3286 Datasheet HTML 3Page - ON Semiconductor SA3286 Datasheet HTML 4Page - ON Semiconductor SA3286 Datasheet HTML 5Page - ON Semiconductor SA3286 Datasheet HTML 6Page - ON Semiconductor SA3286 Datasheet HTML 7Page - ON Semiconductor SA3286 Datasheet HTML 8Page - ON Semiconductor SA3286 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
3
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
25
mW
Maximum Operating Supply Voltage
1.5
VDC
Absolute Maximum Supply Voltage
2
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING: Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING: Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (VBAT = 1.25 V; Temperature = 25°C) (Note 2)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Hybrid Current
IAMP
With adaptive features
(NR, FBC, ADM, Datalogging)
8 kHz bandwidth
−
789
−
mA
With adaptive features
(NR, FBC, ADM, Datalogging)
16 kHz bandwidth
−
992
−
No adaptive feature
8 kHz bandwidth
−
590
−
No adaptive feature
16 kHz bandwidth
−
703
−
Minimum Operating Supply Voltage
VBOFF
Ramp down
0.93
0.95
0.97
V
Supply Voltage Turn On Threshold
VBON
Ramp up
1.06
1.1
1.16
V
Minimum Voltage Required for
EEPROM Data Logging
−
−
1.13
−
−
V
EEPROM Burn Cycles
−
−
100 k
−
−
cycles
Low Frequency System Limit
−
−
−
125
−
Hz
High Frequency System Limit
−
32 kHz sampling rate
−
16
−
kHz
Total Maximum System Gain
AV
VIN = −95 dBV at 1 kHz (Note 1)
83
84
85
dB
Converter Gain
AConv
A / D + D / A gain
29
30
31
dB
Total Harmonic Distortion
THD
VIN = −40 dBV
−
−
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
−
−
3
%
Clock Frequency
fclk
−
1.945
2.048
2.151
MHz
REGULATOR
Regulator Voltage
VREG
−
0.87
0.90
0.93
V
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 KHz
−
−108
−106
dBV
Input Impedance
ZIN
−
−
16
−
kW
Anti−aliasing Filter Rejection
−
f = fCLK − 8 kHz, VIN = −40 dBV
−
80
−
dB
Maximum Input Level
−
−
−
−15
−
dBV
Input Dynamic Range
−
HRX − ON Bandwidth
100 Hz − 8 KHz
−
93
−
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Total system gain consists of: wideband system gain + channel gain + converter gain. Total System gain is calibrated during Cal/Config process.
2. Average currents with auto−ADM or iSceneDetect modes enabled are typically lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com